Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2015 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2015
Description  0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2015 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2015_07 Datasheet HTML 5Page - Maxim Integrated Products MAX2015_07 Datasheet HTML 6Page - Maxim Integrated Products MAX2015_07 Datasheet HTML 7Page - Maxim Integrated Products MAX2015_07 Datasheet HTML 8Page - Maxim Integrated Products MAX2015_07 Datasheet HTML 9Page - Maxim Integrated Products MAX2015_07 Datasheet HTML 10Page - Maxim Integrated Products MAX2015_07 Datasheet HTML 11Page - Maxim Integrated Products MAX2015_07 Datasheet HTML 12Page - Maxim Integrated Products MAX2015_07 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
0.1GHz to 3GHz, 75dB Logarithmic
Detector/Controller
10
______________________________________________________________________________________
Chip Information
TRANSISTOR COUNT: 3157
PROCESS: BiCMOS
Ordering Information (continued)
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX2015EUA+
-40°C to +85°C
8 µMAX
U8-1
MAX2015EUA+T
-40°C to +85°C
8 µMAX
U8-1
MAX2015ETA
-40°C to +85°C
8 TDFN-EP*
(3mm x 3mm)
T833-2
MAX2015ETA-T
-40°C to +85°C
8 TDFN-EP*
(3mm x 3mm)
T833-2
MAX2015ETA+
-40°C to +85°C
8 TDFN-EP*
(3mm x 3mm)
T833-2
MAX2015ETA+T
-40°C to +85°C
8 TDFN-EP*
(3mm x 3mm)
T833-2
T = Tape-and-reel.
+Denotes lead-free and RoHS compliance.
*EP = Exposed paddle.
1
2
3
4
8
7
6
5
OUT
SET
GND
PWDN
VCC
INLO
INHI
VCC
MAX2015
µMAX
TOP VIEW
Pin Configuration
13
4
86
5
MAX2015
2
7
TDFN
TOP VIEW
OUT
SET
GND PWDN
VCC
INHI
INLO
VCC


Similar Part No. - MAX2015_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015EUA-T MAXIM-MAX2015EUA-T Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
MAX2015EVKIT MAXIM-MAX2015EVKIT Datasheet
173Kb / 5P
   Complete RF Power Detector/Controller
Rev 0; 12/03
More results

Similar Description - MAX2015_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
logo
Analog Devices
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
   Logarithmic Detector/Controller
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
   LOGARITHMIC DETECTOR / CONTROLLER
logo
Will Semiconductor Ltd.
WS7802DF WILLSEMI-WS7802DF Datasheet
617Kb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com