Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2021EVKIT Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2021EVKIT
Description  Evaluation Kit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021EVKIT Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX2021EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX2021EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX2021EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX2021EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX2021EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX2021EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX2021EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX2021EVKIT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2006 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
MAX2021 Evaluation Kit
Figure 8. MAX2021 EV Kit PCB Layout—Inner Layer 3 (Routes)
Figure 9. MAX2021 EV Kit PCB Layout—Bottom Layer (Metal)
Figure 10. MAX2021 EV Kit PCB Layout—Bottom Soldermask
Figure 11. MAX2021 EV Kit PCB Layout—Bottom Silkscreen


Similar Part No. - MAX2021EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2021ETX MAXIM-MAX2021ETX Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2021ETX++ MAXIM-MAX2021ETX+ Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
MAX2021ETX+T MAXIM-MAX2021ETX+T Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2021ETX+T MAXIM-MAX2021ETX+T Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
MAX2021ETX-T MAXIM-MAX2021ETX-T Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
More results

Similar Description - MAX2021EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com