Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1161 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1161
Description  Quad Protected High-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1161 Datasheet(HTML) 4 Page - Linear Technology

  LT1161_06 Datasheet HTML 1Page - Linear Technology LT1161_06 Datasheet HTML 2Page - Linear Technology LT1161_06 Datasheet HTML 3Page - Linear Technology LT1161_06 Datasheet HTML 4Page - Linear Technology LT1161_06 Datasheet HTML 5Page - Linear Technology LT1161_06 Datasheet HTML 6Page - Linear Technology LT1161_06 Datasheet HTML 7Page - Linear Technology LT1161_06 Datasheet HTML 8Page - Linear Technology LT1161_06 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1161
1161fa
Supply Pins: The two supply pins are internally connected
and must also be externally connected. In addition to
providing the operating current for the LT1161, the supply
pins also serve as the Kelvin connection for the current
sense comparators. The supply pins must be connected to
the positive side of the drain sense resistors for proper
operation of the current sense.
Input Pins: The input pins are active high and each pin
activates a separate internal charge pump when switched
ON. The input threshold is TTL/CMOS compatible but may
be taken as high as 15V with or without the supply
powered. Each input has approximately 200mV of hyster-
esis and an internal 75k pull-down resistor.
Gate Pins: The gate pins drive the power MOSFET gates.
When an input is ON, the corresponding gate pin is
pumped approximately 12V above the supply. These pins
have a relatively high impedance when above the rail (the
equivalent of a few hundred kilohms). Care should be
taken to minimize any loading by parasitic resistance to
ground or supply.
Sense Pins: Each sense pin connects to the input of a
supply-referenced comparator with a 65mV nominal off-
set. When a sense pin is taken more than 65mV below
PIN FUNCTIONS
supply, the MOSFET gate for that channel is driven low and
the corresponding timing capacitor discharged. Each cur-
rent-sense comparator operates completely independently.
The 65mV typical threshold has a +0.33%/
°C temperature
coefficient, which closely matches the TC of drain sense
resistors formed from copper PC traces.
Some loads require high in-rush currents. An RC time
delay can be added between the drain sense resistor and
the sense pin to ensure that the current-sense comparator
does not false trigger during start-up (see Applications
Information). However, a maximum of 10k
Ω can be in-
serted between a drain sense resistor and the sense pin. If
current sense is not required in any channel, the sense pin
for that channel is tied to supply.
Timer Pins: A timing capacitor CT from each timer pin to
ground sets the restart time following overcurrent detec-
tion. CT is rapidly discharged to less than 1V and then
recharged by a 14
µA nominal current source back to the
timer threshold, whereupon restart is attempted. If current
sense is not required in any channel, the timer pin for that
channel is left open.
Ground Pins: The two ground pins are internally con-
nected and must also be externally connected.
FUNCTIONAL DIAGRA
+
+
+
+
OSCILLATOR
AND
CHARGE PUMP
1.4V
75k
75k
1.4V
3V
TIMER
14
µA
INPUT
65mV
V+
SENSE
GATE
1161 FD
(Each Channel)


Similar Part No. - LT1161_06

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1161C LINER-LT1161C Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161CN LINER-LT1161CN Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161CS LINER-LT1161CS Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161I LINER-LT1161I Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161IN LINER-LT1161IN Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
More results

Similar Description - LT1161_06

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161_15 Datasheet
196Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
   Protected High Side MOSFET Driver
LT1910 LINER-LT1910_15 Datasheet
224Kb / 14P
   Protected High Side MOSFET Driver
logo
Micrel Semiconductor
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
logo
Allegro MicroSystems
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
   Protected Quad Driver
October 28, 2005
logo
ON Semiconductor
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445_17 Datasheet
118Kb / 16P
   Self Protected High Side Driver
February, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com