Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1161CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LT1161CSW
Description  Quad Protected High-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1161CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1161CSW Datasheet HTML 4Page - Linear Technology LT1161CSW Datasheet HTML 5Page - Linear Technology LT1161CSW Datasheet HTML 6Page - Linear Technology LT1161CSW Datasheet HTML 7Page - Linear Technology LT1161CSW Datasheet HTML 8Page - Linear Technology LT1161CSW Datasheet HTML 9Page - Linear Technology LT1161CSW Datasheet HTML 10Page - Linear Technology LT1161CSW Datasheet HTML 11Page - Linear Technology LT1161CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1161
1161fa
TYPICAL APPLICATIONS
Protected Quad Switch with Mixed Low- and High-Side Driving
0.33
µF
MTD3055EL
5.1k
10k
1N4148
1N4148
1N4148
1N4148
LT1161
1161 TA03
0.03
MTD3055EL
0.03
MTD3055EL
0.03
MTD3055EL
0.03
8V TO 28V OPERATING
32V TO 60V SHUTDOWN
30V
1N6011B
INPUTS
GND
T1
IN1
T2
IN2
T3
IN3
T4
IN4
GND
V+
DS1
G1
DS2
G2
DS3
G3
DS4
G4
V+
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
10
µF
100V
0.33
µF
0.33
µF
0.33
µF
2N3904
+
0.33
µF
10
µF
MTP36N06E
MTP36N06E
MTP10N40E
MTP10N40E
2k
LT1161
1161 TA04
15V
1N4744
0.01
0.01
51
0.4
1N4148
150V
24V
HIGH-SIDE DRIVER
INPUTS
(SEE NOTE 1)
GND
T1
IN1
T2
IN2
T3
IN3
T4
IN4
GND
V+
DS1
G1
DS2
G2
DS3
G3
DS4
G4
V+
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
100
µF
50V
0.33
µF
0.4
LOW-SIDE DRIVER
INPUTS
(SEE NOTE 2)
NOTE 1: THE HIGH-SIDE DRIVER CHANNELS ARE CONFIGURED
TO AUTOMATICALLY RESTART FOLLOWING A FAULT.
NOTE 2: THE LOW-SIDE DRIVER CHANNELS ARE CONFIGURED
TO LATCH OFF FOLLOWING A FAULT. 5V CMOS LOGIC INPUTS
ARE REQUIRED.
51
1N4148
15V
1N4744
2k
2N2222
24V/3A
LOAD
24V/3A
LOAD
150V/1A
LOAD
150V/1A
LOAD
2N2222
+
Protected Quad 1A Automotive Solenoid Driver with Overvoltage Shutdown


Similar Part No. - LT1161CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1161CS LINER-LT1161CS Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
More results

Similar Description - LT1161CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161_15 Datasheet
196Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
   Protected High Side MOSFET Driver
LT1910 LINER-LT1910_15 Datasheet
224Kb / 14P
   Protected High Side MOSFET Driver
logo
Micrel Semiconductor
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
logo
Allegro MicroSystems
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
   Protected Quad Driver
October 28, 2005
logo
ON Semiconductor
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445_17 Datasheet
118Kb / 16P
   Self Protected High Side Driver
February, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com