Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2034CTM+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2034CTM+
Description  Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2034CTM+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2034CTM+ Datasheet HTML 1Page - Maxim Integrated Products MAX2034CTM+ Datasheet HTML 2Page - Maxim Integrated Products MAX2034CTM+ Datasheet HTML 3Page - Maxim Integrated Products MAX2034CTM+ Datasheet HTML 4Page - Maxim Integrated Products MAX2034CTM+ Datasheet HTML 5Page - Maxim Integrated Products MAX2034CTM+ Datasheet HTML 6Page - Maxim Integrated Products MAX2034CTM+ Datasheet HTML 7Page - Maxim Integrated Products MAX2034CTM+ Datasheet HTML 8Page - Maxim Integrated Products MAX2034CTM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Quad-Channel, Ultra-Low-Noise Amplifier with
Digitally Programmable Input Impedance
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2034 Typical Application Circuit, VCC = +4.75V to +5.25V, source impedance RS = 200Ω, PD = 0, D2/D1/D0 = 0/1/0 (RIN = 200Ω),
signal AC-coupled to IN_, INB_ is AC grounded, VOUT is the differential output between OUT_+ and OUT_-, fIN_ = 5MHz, RL = 200Ω
between the differential outputs, CL = 20pF from each output to ground, TA = 0°C to +70°C. Typical values are at VCC = 5.0V and TA =
+25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RS = RIN = 50
4.1
RS = RIN = 100
2.9
RS = RIN = 200
2.2
Noise Figure
NF
RS = RIN = 1000
1.4
dB
Input-Referred Noise Voltage
D2 = 1 (high input impedance), fIN_ = 5MHz
0.87
nV/
√Hz
Input-Referred Noise Current
D2 = 1 (high input impedance), fIN_ = 5MHz
2.1
pA/
√Hz
fIN_ = 5MHz, VOUT = 1VP-P differential
-50
-68
Second Harmonic
HD2
fIN_ = 10MHz, VOUT = 1VP-P differential
-66
dBc
fIN_ = 5MHz, VOUT = 1VP-P differential
-50
Third Harmonic
HD3
fIN_ = 10MHz, VOUT = 1VP-P differential
-44
dBc
4.99MHz tone relative to the second tone at
5.01MHz, which is 25dB lower than the first tone
at 5.00MHz, VOUT = 1VP-P differential
-45
-55
Two-Tone Intermodulation
Distortion (Note 2)
IMD3
7.49MHz tone relative to the second tone at
7.51MHz, which is 25dB lower than the first tone
at 7.50MHz, VOUT = 1VP-P differential
-52
dBc
Maximum Output Signal
Amplitude
Differential output
4.4
VP-P
Gain Compression
Gain at VIN_ = 112mVP-P relative to gain at
VIN_ = 550mVP-P
0.5
3dB
Output Common-Mode Level
2.45
V
Output Impedance
Single-ended
5.3
Phase Matching Between
Channels
Phase difference between channels with VIN_ =
195mV peak (-3dB full scale), fIN_ = 10MHz
±1.5
deg
Channel-to-Channel Crosstalk
fIN_ = 10MHz, VOUT = 1VP-P, adjacent channels
50
66
dB
Switch Time from Normal to Sleep
Mode
Supply current settles to 90% of nominal sleep-
mode current ICC,PD
0.3
ms
Switch Time from Sleep to Normal
Mode
VOUT settles to 90% of final 1VP-P output
0.3
ms
Note 1: Min and max limits at TA = +25°C and +70°C are guaranteed by design, characterization, and/or production test.
Note 2: See the Ultrasound-Specific IMD3 Specification in the Applications Information section.


Similar Part No. - MAX2034CTM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
MAX20340EWL++ MAXIM-MAX20340EWL+ Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
MAX20340EWL+T MAXIM-MAX20340EWL+T Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
MAX20340 MAXIM-MAX20340_V01 Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
More results

Similar Description - MAX2034CTM+

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6_15 Datasheet
356Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
logo
Linear Integrated Syste...
LS4117 LINEAR-LS4117_15 Datasheet
333Kb / 2P
   ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
logo
Analog Devices
AD8432 AD-AD8432 Datasheet
720Kb / 28P
   Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
REV. 0
logo
Linear Integrated Syste...
2N-PN-SST4117 LINEAR-2N-PN-SST4117 Datasheet
168Kb / 2P
   ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
logo
NEC
UPC4574 NEC-UPC4574 Datasheet
300Kb / 10P
   QUAD ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
CML Microcircuits
FX009A CMLMICRO-FX009A Datasheet
118Kb / 7P
   Low-Noise Digitally Controlled Amplifier Array
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
   LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
   J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com