Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1168 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1168
Description  Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1168 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1168_06 Datasheet HTML 2Page - Linear Technology LT1168_06 Datasheet HTML 3Page - Linear Technology LT1168_06 Datasheet HTML 4Page - Linear Technology LT1168_06 Datasheet HTML 5Page - Linear Technology LT1168_06 Datasheet HTML 6Page - Linear Technology LT1168_06 Datasheet HTML 7Page - Linear Technology LT1168_06 Datasheet HTML 8Page - Linear Technology LT1168_06 Datasheet HTML 9Page - Linear Technology LT1168_06 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1168
1168fa
Distribution of Input Offset
Voltage
Distribution of Output Offset
Voltage
Distribution of Output Offset
Voltage Drift
Distribution of Input Offset
Voltage Drift
Output Offset Voltage
Long-Term Drift
TYPICAL PERFOR A CE CHARACTERISTICS
OUTPUT OFFSET VOLTAGE (
µV)
–150
0
10
20
30
40
60
–100
–50
0
50
1168 G01
100
150
50
5
15
25
35
55
45
VS = ±15V
TA = 25°C
G = 1
299 N8 (2 LOTS)
337 S0-8 (2 LOTS)
636 TOTAL PARTS
INPUT OFFSET VOLTAGE (
µV)
–60
0
10
20
30
40
60
–40
–20
0
20
1168 G02
40
60
50
5
15
25
35
55
45
VS = ±15V
TA = 25°C
G = 1000
299 N8 (2 LOTS)
337 S0-8 (2 LOTS)
636 TOTAL PARTS
OUTPUT OFFSET VOLTAGE DRIFT (
µV/°C)
–1.8
0
5
15
20
25
35
1168 G03
10
30
–1.0
0.2
–1.4
–0.6
–0.2
VS = ±15V
TA = –40°C TO 85°C
G = 1
97 N8 (2 LOTS)
49 S0-8 (1 LOT)
146 TOTAL PARTS
INPUT OFFSET VOLTAGE DRIFT (
µV/°C)
–0.45
0
5
15
20
25
35
1168 G04
10
30
–0.25
0.05
–0.35
–0.15
–0.05
97 N8 (2 LOTS)
49 S0-8 (1 LOT)
146 TOTAL PARTS
VS = ±15V
TA = –40°C TO 85°C
G = 1000
TIME (MONTHS)
0
–50
–30
–10
10
1
2
1168 G05
30
50
–40
–20
0
20
40
3
VS = ±15V
TA = 30°C
G = 1
4 PARTS FROM 4 LOTS
WARMED UP
Input Offset Voltage
Long-Term Drift
TIME (MONTHS)
0
–5
–3
–1
1
1
2
1168 G05
3
5
–4
–2
0
2
4
3
VS = ±15V
TA = 30°C
G = 1000
4 PARTS FROM 4 LOTS
WARMED UP
Warm-Up Drift
Gain vs Frequency
Voltage Noise Density
vs Frequency
TIME AFTER POWER-ON (MINUTES)
012345
1168 G07
35
30
25
20
15
10
5
0
SO-8
N-8
VS = ±15V
TA = 25°C
G = 1
FREQUENCY (kHz)
1168 G08
0.01
60
50
40
30
20
10
0
–10
–20
1
100
1000
0.1
10
G = 1000
G = 100
G = 10
G = 1
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1
10
100
1000
1168 G09
VS = ±15V
TA = 25°C
1/f CORNER = 2Hz
GAIN = 1
GAIN = 10
GAIN = 100, 1000
1/f CORNER = 7Hz
1/f CORNER = 3Hz
BW LIMIT
GAIN = 1000
BW LIMIT
GAIN = 100


Similar Part No. - LT1168_06

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1168AC LINER-LT1168AC Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
LT1168ACN8 LINER-LT1168ACN8 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
LT1168ACS8 LINER-LT1168ACS8 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
LT1168AI LINER-LT1168AI Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
LT1168AIN8 LINER-LT1168AIN8 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
More results

Similar Description - LT1168_06

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com