Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164MJ Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1164MJ
Description  Low Power, Low Noise, Quad Universal Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164MJ Datasheet(HTML) 2 Page - Linear Technology

  LTC1164MJ Datasheet HTML 1Page - Linear Technology LTC1164MJ Datasheet HTML 2Page - Linear Technology LTC1164MJ Datasheet HTML 3Page - Linear Technology LTC1164MJ Datasheet HTML 4Page - Linear Technology LTC1164MJ Datasheet HTML 5Page - Linear Technology LTC1164MJ Datasheet HTML 6Page - Linear Technology LTC1164MJ Datasheet HTML 7Page - Linear Technology LTC1164MJ Datasheet HTML 8Page - Linear Technology LTC1164MJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1164
2
1164fa
ORDER PART
NUMBER
LTC1164ACN
LTC1164CN
LTC221/222 • POI01
TOP VIEW
J PACKAGE
24-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
INV B
HPB/NB
BPB
LPB
SB
AGND
V +
SA
LPA
BPA
HPA
INV A
INV C
HPC/NC
BPC
LPC
SC
V
CLK
50/100
LPD
BPD
HPD
INV D
N PACKAGE
24-LEAD PDIP
TJMAX = 110°C, θJA = 65°C/W
ORDER PART
NUMBER
LTC1164CSW
LTC1164ACSW
TOP VIEW
SW PACKAGE
24-LEAD PLASTIC SO
TJMAX = 110°C, θJA = 75°C/W
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
INV B
HPB/NB
BPB
LPB
SB
AGND
V +
SA
LPA
BPA
HPA
INV A
INV C
HPC/NC
BPC
LPC
SC
V
CLK
50/100
LPD
BPD
HPD
INV D
LTC1164AMJ
LTC1164MJ
LTC1164ACJ
LTC1164CJ
Total Supply Voltage (V+ to V) ............................ 16.5V
Power Dissipation .............................................. 500mW
Storage Temperature Range ..................–65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
±2.37
±8V
Voltage Swings
VS = ±2.5V
±1.6
V
VS = ±5.0V
±3.8
±4.2
V
VS = ±7.5V
±6.1
V
Output Short Circuit Current (Source/Sink)
VS = ±5.0V
1
mA
DC Open Loop Gain
VS = ±5.0V
80
dB
GBW Product
VS = ±5.0V
2
MHz
Slew Rate
VS = ±5.0V
1.6
V/µs
ELECTRICAL CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Internal Op Amps) VS = ±5V, RL = 5kΩ unless otherwise noted.
OBSOLETE PACKAGE
Consider the N24 Package as an Alternate Source
Operating Temperature Range
LTC1164AM, LTC1164M (OBSOLETE) ..... –55°C to 125°C
LTC1164AC, LTC1164C ....................... –40°C to 85°C


Similar Part No. - LTC1164MJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164MJ LINER-LTC1164MJ Datasheet
1Mb / 15P
   Low Power, Low Noise, Quad Universal Filter Building Block
More results

Similar Description - LTC1164MJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164 LINER-LTC1164_15 Datasheet
214Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164 Datasheet
1Mb / 15P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_15 Datasheet
275Kb / 20P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_09 Datasheet
270Kb / 20P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1067-50 LINER-LTC1067-50_15 Datasheet
299Kb / 20P
   Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1067 LINER-LTC1067 Datasheet
477Kb / 20P
   Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com