Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2034CTM+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2034CTM+T
Description  Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2034CTM+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2034CTM+T Datasheet HTML 3Page - Maxim Integrated Products MAX2034CTM+T Datasheet HTML 4Page - Maxim Integrated Products MAX2034CTM+T Datasheet HTML 5Page - Maxim Integrated Products MAX2034CTM+T Datasheet HTML 6Page - Maxim Integrated Products MAX2034CTM+T Datasheet HTML 7Page - Maxim Integrated Products MAX2034CTM+T Datasheet HTML 8Page - Maxim Integrated Products MAX2034CTM+T Datasheet HTML 9Page - Maxim Integrated Products MAX2034CTM+T Datasheet HTML 10Page - Maxim Integrated Products MAX2034CTM+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Detailed Description
The MAX2034 is a four-channel, ultra-low-noise pream-
plifier. Each amplifier features single-ended inputs, dif-
ferential outputs, and provides an accurate fixed gain of
19dB with a wide -3dB bandwidth of 70MHz. The high-
gain accuracy of the amplifier allows for exceptional
channel-to-channel gain matching, which is necessary
for high-performance ultrasound-imaging applications.
The device has an exceptionally low noise figure, making
it ideal for use in ultrasound front-end designs. Noise fig-
ure is typically 2.2dB for a source impedance and pro-
grammed input impedance of 200Ω.
The MAX2034 is optimized for excellent dynamic range
and linearity performance characteristics, making it ideal
for ultrasound-imaging modalities including second har-
monic 2D imaging and continuous wave Doppler. The
device achieves an HD2 of -68dBc at VOUT = 1VP-P and
fIN_ = 5MHz, and an ultrasound-specific two-tone IMD3
performance of -55dBc at VOUT = 1VP-P and fIN_ =
5MHz. See the Ultrasound-Specific IMD3 Specification in
the Applications Information section.
Active Impedance Matching
To provide exceptional noise-figure characteristics, the
input impedance of each amplifier uses a feedback
topology for active impedance matching. A feedback
resistor of the value (1 + (A / 2)) x RS is added between
the inverting output of the amplifier to the input. The
input impedance is the feedback resistor, ZF, divided
by 1 + (A / 2). The factor of two is due to the gain of the
amplifier, A, being defined with a differential output. For
common input impedances, the internal digitally pro-
grammed impedances can be used (see Table 1). For
other input impedances, program the impedance for
external resistor operation, and then use an externally
supplied resistor to set the input impedance according
to the above formula.
The gain and input impedance of the MAX2034 vs. fre-
quency are shown in the Typical Operating Char-
acteristics. Both gain and input impedance are well
behaved, with no peaking characteristics. This allows
the device to be used with a variety of input networks,
with no requirement for series ferrite beads or shunt
capacitors for stability control.
Quad-Channel, Ultra-Low-Noise Amplifier with
Digitally Programmable Input Impedance
_______________________________________________________________________________________
7
Pin Description (continued)
PIN
NAME
FUNCTION
18, 19, 42
D1, D0, D2
Digitally Programmable Inputs. Programs the input impedance of each amplifier. See Table 1 on
input impedance programming information.
23
OUT4-
Channel 4 LNA Analog Inverting Output
24
OUT4+
Channel 4 LNA Analog Noninverting Output
28
OUT3-
Channel 3 LNA Analog Inverting Output
29
OUT3+
Channel 3 LNA Analog Noninverting Output
31
OUT2-
Channel 2 LNA Analog Inverting Output
32
OUT2+
Channel 2 LNA Analog Noninverting Output
35
OUT1-
Channel 1 LNA Analog Inverting Output
36
OUT1+
Channel 1 LNA Analog Noninverting Output
43
PD
Power-Down. Drive PD high to put the device in sleep mode. Drive PD low for normal mode.
47
ZF1
Channel 1 Active Impedance-Matching Port. AC-couple to the source circuit with a capacitor.
48
IN1
Channel 1 LNA Analog Input. Single-ended input for channel 1 amplifier. Connect the analog input to
the source circuit through a series capacitor.
EP
GND
Exposed Paddle. Solder the exposed paddle to the ground plane using multiple vias.
D2
D1
D0
RIN (
Ω)
000
50
001
100
010
200
011
1k
100
101
110
111
Defined by external resistor
Table 1. Digitally Programmable Input
Impedance


Similar Part No. - MAX2034CTM+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
MAX20340EWL++ MAXIM-MAX20340EWL+ Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
MAX20340EWL+T MAXIM-MAX20340EWL+T Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
MAX20340 MAXIM-MAX20340_V01 Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
More results

Similar Description - MAX2034CTM+T

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6_15 Datasheet
356Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
logo
Linear Integrated Syste...
LS4117 LINEAR-LS4117_15 Datasheet
333Kb / 2P
   ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
logo
Analog Devices
AD8432 AD-AD8432 Datasheet
720Kb / 28P
   Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
REV. 0
logo
Linear Integrated Syste...
2N-PN-SST4117 LINEAR-2N-PN-SST4117 Datasheet
168Kb / 2P
   ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
logo
NEC
UPC4574 NEC-UPC4574 Datasheet
300Kb / 10P
   QUAD ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
CML Microcircuits
FX009A CMLMICRO-FX009A Datasheet
118Kb / 7P
   Low-Noise Digitally Controlled Amplifier Array
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
   LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
   J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com