Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2041 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2041
Description  Evaluation Kit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2041 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2041 Datasheet HTML 1Page - Maxim Integrated Products MAX2041 Datasheet HTML 2Page - Maxim Integrated Products MAX2041 Datasheet HTML 3Page - Maxim Integrated Products MAX2041 Datasheet HTML 4Page - Maxim Integrated Products MAX2041 Datasheet HTML 5Page - Maxim Integrated Products MAX2041 Datasheet HTML 6Page - Maxim Integrated Products MAX2041 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MAX2041 Evaluation Kit
_______________________________________________________________________________________
5
20
19
11
12
5.0V
5.0V
13
14
15
16
17
18
67
10
9
8
LO1
GND
GND
J4
SMA
LO2
VCC
LO2
EXPOSED PADDLE
5
4
3
2
1
GND
GND
TAP
RF
C2
C3
VCC
5.0V
MAX2041
C4
C1
C12
C10
C5
C6
C7
R1
C11
T1
4
5
1
3
C8
C9
5.0V
J3
SMA
LO1
TP3
LOSEL
R2
J1
SMA
RF
J2
SMA
IF
TP2
GND
5.0V
TP1
+5V
Figure 2. MAX2041 EV Kit Schematic


Similar Part No. - MAX2041

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX20410AFOA/VY++ MAXIM-MAX20410AFOA/VY+ Datasheet
1Mb / 25P
   Automotive 36V, 8A/10A Fully-Integrated Buck
2021
MAX20410AFOB/VY++ MAXIM-MAX20410AFOB/VY+ Datasheet
1Mb / 25P
   Automotive 36V, 8A/10A Fully-Integrated Buck
2021
MAX20410AFOC/VY++ MAXIM-MAX20410AFOC/VY+ Datasheet
1Mb / 25P
   Automotive 36V, 8A/10A Fully-Integrated Buck
2021
MAX20410AFOD/VY++ MAXIM-MAX20410AFOD/VY+ Datasheet
1Mb / 25P
   Automotive 36V, 8A/10A Fully-Integrated Buck
2021
More results

Similar Description - MAX2041

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com