Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2043 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2043
Description  Evaluation Kit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2043 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2043 Datasheet HTML 1Page - Maxim Integrated Products MAX2043 Datasheet HTML 2Page - Maxim Integrated Products MAX2043 Datasheet HTML 3Page - Maxim Integrated Products MAX2043 Datasheet HTML 4Page - Maxim Integrated Products MAX2043 Datasheet HTML 5Page - Maxim Integrated Products MAX2043 Datasheet HTML 6Page - Maxim Integrated Products MAX2043 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAX2043 Evaluation Kit
2
_______________________________________________________________________________________
Quick Start
The MAX2043 EV kit is fully assembled and factory test-
ed. Follow the instructions in the
Connections and
Setup section for proper device evaluation.
Test Equipment Required
This section lists the recommended test equipment to
verify the operation of the MAX2043. It is intended as a
guide only, and substitutions may be possible:
• DC supply capable of delivering +5.0V and 175mA
• Three RF signal generators capable of delivering
10dBm of output power in the 1GHz to 3GHz frequency
range (i.e., HP 8648)
• RF spectrum analyzer with a minimum 100kHz to
3GHz frequency range (HP 8561E)
• RF power meter (HP 437B)
• Power sensor (HP 8482A)
Connections and Setup
This section provides a step-by-step guide to testing
the basic functionality of the EV kit. As a general pre-
caution to prevent damaging the outputs by driving
high-VSWR loads, do not turn on DC power or RF signal
generators until all connections are made.
This procedure is specific to operation in the US PCS
band (reverse channel: 1850MHz to 1910MHz), high-
side injected LO for a 200MHz IF. Choose the test fre-
quency based on the particular system’s frequency
plan, and adjust the following procedure accordingly.
See Figure 1 for the mixer test setup diagram:
1) Calibrate the power meter for 2100MHz. For safety
margin, use a power sensor rated to at least
+20dBm, or use padding to protect the power head
as necessary.
2) Connect 3dB pads to DUT ends of each of the two
RF signal generators’ SMA cables. This padding
improves VSWR and reduces the errors due to mis-
match.
3) Use the power meter to set the RF signal generators
according to the following:
• RF signal source: 0dBm into DUT at 1900MHz
(this will be about +3dBm before the 3dB pad).
• LO1 signal source: 0dBm into DUT at 2100MHz
(this will be about +3dBm before the 3dB pad).
• LO2 signal source: 0dBm into DUT at 2101MHz
(this will be about +3dBm before the 3dB pad).
4) Disable the signal generator outputs.
5) Connect the RF source (with pad) to the RF port.
6) Connect the LO1 and LO2 signal sources to the EV
kit’s LO1 and LO2 inputs, respectively.
7) Measure the loss in the 3dB pad and cable that will
be connected to the IF port. Losses are frequency
dependent, so test this at 200MHz (the IF frequency).
Use this loss as an offset in all output power/gain cal-
culations.
8) Connect this 3dB pad to the EV kit’s IF port connec-
tor and connect a cable from the pad to the spec-
trum analyzer.
9) Set the DC supply to +5.0V, and set a current limit
of around 175mA if possible. Disable the output
voltage and connect the supply to the EV kit
(through an ammeter, if desired). Enable the sup-
ply. Readjust the supply to get +5.0V at the EV kit.
There will be a voltage drop across the ammeter
when the mixer is drawing current.
10) Select LO2 by connecting LOSEL (TP3) to GND.
11) Enable the LO and the RF sources.
Testing the Mixer
Adjust the center and span of the spectrum analyzer to
observe the IF output tone at 201MHz. The level should
be about -10.5dBm (7.5dB conversion loss, 3dB pad
loss). The spectrum analyzer’s absolute magnitude
accuracy is typically no better than ±1dB. Use the power
meter to get an accurate output power measurement.
Disconnect the GND connection to LOSEL. It will be
pulled high by a pullup resistor on the board to select
LO1. Observe that the 200MHz signal increases while
the 201MHz decreases.
Reconfigure the test setup using a combiner or hybrid
to sum the two LO inputs to do a two-tone IP3 measure-
ment if desired. Terminate the unused LO input in 50
Ω.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
U1
1
Active dual-mixer IC (6mm x 6mm,
36-pin TQFN with exposed paddle)
Maxim MAX2043ETX+
NOTE: U1 HAS AN EXPOSED
PADDLE CONDUCTOR THAT
REQUIRES IT TO BE SOLDER
ATTACHED TO A GROUNDED PAD
ON THE CIRCUIT BOARD TO
ENSURE A PROPER
ELECTRICAL/THERMAL DESIGN.
+
Denotes lead-free package.


Similar Part No. - MAX2043

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043 Datasheet
388Kb / 17P
   1700MHz to 3000MHz High-Linearity, Low LO Leakage Base-Station Rx/Tx Mixer
Rev 0; 12/05
MAX20430 MAXIM-MAX20430 Datasheet
902Kb / 7P
   Challenge/Response or Simple Windowed Watchdog
Rev 0; 3/20
MAX20430 MAXIM-MAX20430 Datasheet
1Mb / 40P
   Four-Output Mini PMIC For Safety Applications
2021
MAX20430ATIA/VY++ MAXIM-MAX20430ATIA/VY+ Datasheet
1Mb / 40P
   Four-Output Mini PMIC For Safety Applications
2021
MAX20430ATIBB/VY++ MAXIM-MAX20430ATIBB/VY+ Datasheet
1Mb / 40P
   Four-Output Mini PMIC For Safety Applications
2021
More results

Similar Description - MAX2043

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com