Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1168AIS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1168AIS8
Description  Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1168AIS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1168AIS8 Datasheet HTML 4Page - Linear Technology LT1168AIS8 Datasheet HTML 5Page - Linear Technology LT1168AIS8 Datasheet HTML 6Page - Linear Technology LT1168AIS8 Datasheet HTML 7Page - Linear Technology LT1168AIS8 Datasheet HTML 8Page - Linear Technology LT1168AIS8 Datasheet HTML 9Page - Linear Technology LT1168AIS8 Datasheet HTML 10Page - Linear Technology LT1168AIS8 Datasheet HTML 11Page - Linear Technology LT1168AIS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1168
1168fa
Change in Input Bias Current for
VCM = 20V
TYPICAL PERFOR A CE CHARACTERISTICS
Settling Time vs Step Size
Settling Time vs Gain
CHANGE IN INPUT BIAS CURRENT (pA)
0
0
2
6
8
10
20
14
8
16
20
34
1168 G19
4
16
18
12
412
24
28
32
VS = ±15V
VCM = ±10V
TA = 25°C
302 N8 (2 LOTS)
313 SO-8 (2 LOTS)
615 TOTAL PARTS
RINCM = 5TΩ
RINCM = 700GΩ
GAIN
1
1
10
100
1000
10
100
1000
1168 G21
VS = ±15V
TA = 25°C
∆VOUT = 10V TO 0.01%
Settling Time (0.1%)
vs Load Capacitance
LOAD CAPACITANCE (pF)
10
34
32
30
28
26
24
22
20
18
16
1168 G22
30
100
300
1000
G = 10,
FALLING EDGE
G = 10,
RISING EDGE
G = 1, FALLING EDGE
G = 1, RISING EDGE
G = 100,
RISING EDGE
G = 100, FALLING EDGE
VS = ±15V
TA = 25°C
RL = 1k
STEP SIZE = 10V
Falling Edge Settling Time
(0.10%)
5
µs/DIV
1168 G24
0
–5
–10
0
–5
–10
0.10
0.05
0.05
0.10
0
Input Bias and Offset Current
vs Temperature
TEMPERATURE
–75 –50 –25
0
25
50
75
100 125
1168 G23
500
400
300
200
100
0
–100
–200
–300
–400
–500
VS = ±15V
VCM = 0V
IOS
IB
TA = 25°C
VS = ±15V
RL = 2k
CL = 15pF
t = 0
Rising Edge Settling Time
(0.10%)
5
µs/DIV
1168 G25
10
5
0
10
5
0
0.10
0.05
0.05
0.10
0
TA = 25°C
VS = ±15V
RL = 2k
CL = 15pF
t = 0
LOAD CAPACITANCE (pF)
10
36
34
32
30
28
26
24
22
20
18
1168 G26
30
100
300
1000
G = 100,
FALLING EDGE
G = 1, RISING EDGE
G = 100,
RISING EDGE
G = 10, RISING EDGE
G = 1,
FALLING
EDGE
G = 10, FALLING EDGE
VS = ±15V
TA = 25°C
RL = 1k
STEP SIZE = 10V
FREQUENCY (kHz)
1
10
100
1000
1168 G27
35
30
25
20
15
10
5
0
VS = ±15V
TA = 25°C
G = 10, 100, 1000
G = 1
Settling Time (0.01%)
vs Load Capacitance
Undistorted Output Swing
vs Frequency
SETTLING TIME (
µs)
8 101214161820222426283032
2
6
10
1168 G20
–2
–6
0
4
8
–4
–8
–10
0V
VOUT
TO 0.1%
TO 0.1%
TO 0.01%
TO 0.01%
0V
VOUT
VS = ±15
G = 1
TA = 25°C
CL = 30pF
RL = 1k


Similar Part No. - LT1168AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1168AIS8 LINER-LT1168AIS8 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
More results

Similar Description - LT1168AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com