Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164ACSW Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1164ACSW
Description  Low Power, Low Noise, Quad Universal Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164ACSW Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1164ACSW Datasheet HTML 5Page - Linear Technology LTC1164ACSW Datasheet HTML 6Page - Linear Technology LTC1164ACSW Datasheet HTML 7Page - Linear Technology LTC1164ACSW Datasheet HTML 8Page - Linear Technology LTC1164ACSW Datasheet HTML 9Page - Linear Technology LTC1164ACSW Datasheet HTML 10Page - Linear Technology LTC1164ACSW Datasheet HTML 11Page - Linear Technology LTC1164ACSW Datasheet HTML 12Page - Linear Technology LTC1164ACSW Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC1164
9
1164fa
3. Offset Nulling
Lowpass filters may have too much DC offset for some
users. A servo circuit may be used to actively null the
offsets of the LTC1164 or any LTC switched capacitor
filter. The circuit shown in Figure 5 will null offsets to better
than 300µV. This circuit takes seconds to settle because of
the integrator pole frequency.
Figure 4. Buffering the Output of a 4th Order Bandpass Realization
4. Noise
All the noise performance mentioned excludes the clock
feedthrough. Noise measurements will degrade if the
already described grounding, bypassing, and buffering
techniques are not practiced. The Wideband Noise vs Q
curve shown in the Typical Performance Characteristics
Section is a very good representation of the noise
performance of this device.
Figure 5. Servo Amplifier
PRIMARY MODES
Mode 1
In Mode 1, the ratio of the external clock frequency to the
center frequency of each 2nd order section is internally
fixed at 50:1 or 100:1. Figure 6 illustrates Mode 1 provid-
ing 2nd order notch, lowpass, and bandpass outputs.
Mode 1 can be used to make high order Butterworth
Iowpass filters; it can also be used to make low Q notches
and for cascading 2nd order bandpass functions tuned at
the same center frequency with unity gain. Mode 1 is faster
than Mode 3. Note that Mode 1 can only be implemented
with 3 of the 4 LTC1164 sections because section D has no
externally available summing node. Section D, however,
can be internally connected in Mode 1 upon special
request.
Figure 6. Mode 1: 2nd Order Filter Providing Notch,
Bandpass, Lowpass
APPLICATIO S I FOR ATIO
LTC1164 • AI03
R3
100k
TO FILTER
FIRST SUMMING
NODE
C2
0.1µF
C1
0.1µF
R1
1M
FROM
FILTER
OUTPUT
R2
1M
C1 = C2 = LOW LEAKAGE FILM (I.E. POLYPROPYLENE)
R1 = R2 = METAL FILM 1%
+
LT1012
ODES OF OPERATIO
LTC1164 • MOO01
R3
R2
NS
BP
LP
R1
AGND
1/4 LTC1164
fo =
Q =
; fn = fO; HOLP = –
; HOBP = –
; HON1 = –
fCLK
100(50)
+
+
Σ
VIN
R2
R1
R2
R1
R3
R2
R3
R1
LTC1164 • AI02
0.1µF
R11
V + TRACE FOR FILTER
R21
R3
R22
R12
R32
1k
LTC1164
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
4
7
7
19
+
VIN
0.1µF
SEPARATE V+ POWER SUPPLY TRACE FOR BUFFER
0.1µF
0.1µF
1µF TA
1µF TA


Similar Part No. - LTC1164ACSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164ACS LINER-LTC1164ACS Datasheet
1Mb / 15P
   Low Power, Low Noise, Quad Universal Filter Building Block
More results

Similar Description - LTC1164ACSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164 LINER-LTC1164_15 Datasheet
214Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164 Datasheet
1Mb / 15P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_15 Datasheet
275Kb / 20P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_09 Datasheet
270Kb / 20P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1067-50 LINER-LTC1067-50_15 Datasheet
299Kb / 20P
   Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1067 LINER-LTC1067 Datasheet
477Kb / 20P
   Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com