Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1302T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1302T
Description  Data amplifier and laser supply circuit for CD player and read only optical systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1302T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1302T Datasheet HTML 2Page - NXP Semiconductors TDA1302T Datasheet HTML 3Page - NXP Semiconductors TDA1302T Datasheet HTML 4Page - NXP Semiconductors TDA1302T Datasheet HTML 5Page - NXP Semiconductors TDA1302T Datasheet HTML 6Page - NXP Semiconductors TDA1302T Datasheet HTML 7Page - NXP Semiconductors TDA1302T Datasheet HTML 8Page - NXP Semiconductors TDA1302T Datasheet HTML 9Page - NXP Semiconductors TDA1302T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TDA1302_1
7 Wed Sep 14 13:30:56 1994
September 1994
7
Philips Semiconductors
Preliminary specification
Data amplifier and laser supply circuit for
CD player and read only optical systems
TDA1302T
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
Classification A: human body model; C = 100 pF; R = 1500
Ω; V = ± 2000 V.
Charge device model: C = 200 pF; L = 2.5
µH; R = 0 Ω; V = 250 V.
THERMAL RESISTANCE
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611 part E”. The numbers of the quality specification can be found in the “Quality
Reference Handbook”. The handbook can be ordered using the code 9398 510 63011.
CHARACTERISTICS
VDD = 3.4 V; VDDL = 2.5 V; Tamb = 25 °C; RADJ = 48 kΩ; HG = logic 1; LS = logic 1; with an external LP filter
(Rext = 750 Ω, Cext = 47 pF) at pin 9; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
8.0
V
Ptot
total power dissipation
300
mW
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
60 K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
IDD
amplifier supply current
laser OFF
8
mA
VDD
amplifier supply voltage
3.4
5.5
V
VDDL
laser control supply voltage
2.5
5.5
V
Pdiss
power dissipation
laser OFF; VDD = 3.4 V
27
mW
Diode current amplifiers (1 to 6)
Ii(d)
diode input current
note 1
10
µA
Neq
equivalent noise input
1
pA/
√Hz
Vi(d)
diode input voltage
Ii(d) = 1.67 µA
0.9
V
Vo(d)
diode output voltage
−0.2
VDD − 1
V
Gdn
amplification
Ii(d) = 1.67 µA;
Vo(dn) = 0 V; note 2
1.43
1.55
1.67
dB
Ios(d)
diode output offset current
Icsin = Itsin = 0; note 3
100
nA
Zo(d)
output impedance
Idi = 1.67 µA; Vo(dn) = 0 V
500
k
B
3 dB bandwidth
Ii(d) = 1.67 µA
50
68
kHz
Gmm
mismatch in amplification
Idi = 1.67 µA;
Vo(dn) = Vo(dm)
3
%


Similar Part No. - TDA1302T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1300 PHILIPS-TDA1300 Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300TT PHILIPS-TDA1300TT Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
More results

Similar Description - TDA1302T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1015 PHILIPS-TZA1015 Datasheet
100Kb / 20P
   Data amplifier and laser supply circuit for CD and read-only optical systems HDALAS
1999 Aug 19
TZA1022 PHILIPS-TZA1022 Datasheet
459Kb / 14P
   Preamplifier and laser supply for CD/CDRW read-only optical systems (TRICINTA)
1998 Apr 02
TZA1026 PHILIPS-TZA1026 Datasheet
134Kb / 20P
   Data amplifier and laser supply circuit for CD audio and video optical systems ADALASAuto
1998 Oct 30
TZA1024 PHILIPS-TZA1024 Datasheet
134Kb / 20P
   Data amplifier and laser supply circuit for CD audio and video optical systems ADALAS
1998 Oct 30
TZA1025 PHILIPS-TZA1025 Datasheet
122Kb / 16P
   Data amplifier and laser supply circuit for CD audio and video optical systems ADALASLC
1998 Oct 30
logo
Sony Corporation
CXA2525AM SONY-CXA2525AM Datasheet
269Kb / 13P
   RF Amplifier for CD Player and CD-ROM
CXA2521AQ SONY-CXA2521AQ Datasheet
341Kb / 17P
   RF AMPLIFIER FOR CD PLAYER AND CD-ROM
CXA2515AM SONY-CXA2515AM Datasheet
270Kb / 13P
   RF Amplifier for CD Player and CD-ROM
logo
Rohm
BA3963 ROHM-BA3963 Datasheet
96Kb / 9P
   System power supply for CD player equipped audio systems
BA3950A ROHM-BA3950A Datasheet
103Kb / 8P
   System power supply for CD player equipped audio systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com