Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2057ETX-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2057ETX-T
Description  1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2057ETX-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2057ETX-T Datasheet HTML 3Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 4Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 5Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 6Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 7Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 8Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 9Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 10Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1700MHz to 2500MHz Variable-Gain
Amplifier with Analog Gain Control
_______________________________________________________________________________________
7
Typical Operating Characteristics
Two Attenuator Configuration
(Typical Application Circuit with two attenuators connected, VCC = +5.0V, R1 = 1.2k
Ω, R2 = 2kΩ, fIN = 2100MHz, maximum gain
setting, POUT = +5dBm, linearity measured at POUT = +5dBm/tone, TA = +25°C, unless otherwise noted.)
INPUT RETURN LOSS
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1700
1900
35
30
25
20
15
10
5
0
40
1500
2500
TA = +25
°C
TA = -40
°C
TA = +85
°C
OUTPUT RETURN LOSS
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1700
1900
35
30
25
20
15
10
5
0
40
1500
2500
TA = -40
°C
TA = +25
°C
TA = +85
°C
GAIN vs. GAIN-CONTROL VOLTAGE
VCNTL (V)
3.5
3.0
2.5
2.0
1.5
-25
-15
-5
5
15
-35
1.0
4.0
TA = -40
°C
TA = +25
°C
TA = +85
°C
GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1900
1700
9
11
13
15
17
7
1500
2500
TA = -40
°C
TA = +25
°C
TA = +85
°C


Similar Part No. - MAX2057ETX-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2057ETX++ MAXIM-MAX2057ETX+ Datasheet
464Kb / 13P
   1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
MAX2057ETX+T MAXIM-MAX2057ETX+T Datasheet
464Kb / 13P
   1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
More results

Similar Description - MAX2057ETX-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
   800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
   1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control 400 - 2700 MHz
logo
RF Micro Devices
RVA1007L RFMD-RVA1007L Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1027 RFMD-RFVA1027 Datasheet
932Kb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com