Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2057ETX-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2057ETX-T
Description  1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2057ETX-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2057ETX-T Datasheet HTML 1Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 2Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 3Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 4Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 5Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 6Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 7Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 8Page - Maxim Integrated Products MAX2057ETX-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1700MHz to 2500MHz Variable-Gain
Amplifier with Analog Gain Control
4
_______________________________________________________________________________________
GAIN vs. GAIN-CONTROL VOLTAGE
VCNTL (V)
3.5
3.0
2.5
2.0
1.5
-5
0
5
10
15
20
-10
1.0
4.0
TA = +25
°C
TA = -40
°C
TA = +85
°C
GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1900
1700
11
13
15
17
19
9
1500
2500
TA = -40
°C
TA = +25
°C
TA = +85
°C
REVERSE ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1900
1700
30
35
40
25
1500
2500
TA = +25
°C
TA = +85
°C
TA = -40
°C
INPUT RETURN LOSS
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1700
1900
35
30
25
20
15
10
5
0
40
1500
2500
MAX GAIN
3dB GAIN REDUCTION
6dB GAIN REDUCTION
9dB, 12dB, 15dB, 18dB
GAIN REDUCTION
OUTPUT RETURN LOSS
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1700
1900
35
30
25
20
15
10
5
0
40
1500
2500
MAX GAIN, 3dB, 6dB, 9dB, 12dB,
15dB, AND 18dB GAIN REDUCTION
GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1900
1700
-5
0
5
10
15
20
-10
1500
2500
MAXIMUM GAIN
18dB GAIN REDUCTION
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.125
5.000
4.875
160
170
180
190
200
150
4.750
5.250
TA = +85
°C
TA = +25
°C
TA = -40
°C
INPUT RETURN LOSS
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1700
1900
35
30
25
20
15
10
5
0
40
1500
2500
TA = +85
°C
TA = +25
°C
TA = -40
°C
OUTPUT RETURN LOSS
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1700
1900
35
30
25
20
15
10
5
0
40
1500
2500
TA = +25
°C
TA = -40
°C
TA = +85
°C
Typical Operating Characteristics
One Attenuator Configuration
(Typical Application Circuit with one attenuator connected, VCC = +5.0V, R1 = 1.2k
Ω, R2 = 2kΩ, fIN = 2100MHz, maximum gain
setting, POUT = +5dBm, linearity measured at POUT = +5dBm/tone, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2057ETX-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2057ETX++ MAXIM-MAX2057ETX+ Datasheet
464Kb / 13P
   1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
MAX2057ETX+T MAXIM-MAX2057ETX+T Datasheet
464Kb / 13P
   1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
More results

Similar Description - MAX2057ETX-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
   800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
   1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control 400 - 2700 MHz
logo
RF Micro Devices
RVA1007L RFMD-RVA1007L Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1027 RFMD-RFVA1027 Datasheet
932Kb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com