Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2104CCM+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2104CCM+
Description  Direct-Conversion Tuner IC for Digital DBS Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2104CCM+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2104CCM+ Datasheet HTML 1Page - Maxim Integrated Products MAX2104CCM+ Datasheet HTML 2Page - Maxim Integrated Products MAX2104CCM+ Datasheet HTML 3Page - Maxim Integrated Products MAX2104CCM+ Datasheet HTML 4Page - Maxim Integrated Products MAX2104CCM+ Datasheet HTML 5Page - Maxim Integrated Products MAX2104CCM+ Datasheet HTML 6Page - Maxim Integrated Products MAX2104CCM+ Datasheet HTML 7Page - Maxim Integrated Products MAX2104CCM+ Datasheet HTML 8Page - Maxim Integrated Products MAX2104CCM+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Direct-Conversion Tuner IC for
Digital DBS Applications
_______________________________________________________________________________________
5
Note 1:
Minimum and maximum values are guaranteed by design and characterization over supply voltage.
Note 2:
With external 100
Ω termination resistor.
Note 3:
Driving differential load of 10k
Ω || 15pF.
Note 4:
Two signals are applied to RFIN_ at fLO - 100MHz and fLO - 199MHz. VGC2 = 1V; VGC1 is set such that the baseband out-
puts are at 590mVP-P. IM products are measured at baseband outputs but are referred to RF inputs.
Note 5:
Two signals are applied to RFIN_ at 1200MHz and 2150MHz. VGC2 = 1V, VGC1 is set such that the baseband outputs are
at 590mVP-P. IM products are measured at baseband outputs but are referred to RF inputs.
Note 6:
PRFIN_ = -40dBm so that front end IM contributions are minimized.
Note 7:
Using L64733/L64734 demo board from LSI Logic.
Note 8:
Downconverted level, in dBc, of carrier present at fLO x 2, fLO = 1180MHz, fVCO = 590MHz, VFDOUB = 2.4V.
Note 9:
Downconverted level, in dBc, of carrier present at fO / 2, fLO = 2175MHz, fVCO = 1087.5MHz, VFDOUB = 2.4V.
Note 10: Leakage is dominated by board parasitics.
Note 11: VCPG1 = VCPG2 = VFDOUB = VINSEL = 0.5V, fFLCLK = 0.5MHz.
Note 12: Measured at tuned frequency with PLL locked. All phase noise measurements assume tank components have a Q > 50.
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 4.75V to 5.25V, VIOUT_ = VQOUT_ = 0.59VP-P, CIOUT_ = CQOUT_ = 10pF, fFLCLK = 2MHz, RIOUT_ = RQOUT_ = 10k
Ω,
VFDOUB = VINSEL = VCPG1 = VCPG2 = 2.4V, VPLLIN+ = VMOD+ = 1.3V, VPLLIN- = VMOD- = 1.1V, TA = +25°C. Typical values are at
VCC = 5.0V and TA = +25°C, unless otherwise noted.)
LOCAL OSCILLATOR
SYNTHESIZER
-95
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
At 100kHz offset, fLO = 2175MHz
dBc/Hz
LO Phase Noise (Notes 7, 12)
-75
At 10kHz offset, fLO = 2175MHz
57
0
Figure 1
fRFIN_ = 2150MHz
dB
RFIN_ to LO Input Isolation
(Note 10)
-55
590
1180
MHz
LO Tuning Range (Note 1)
ns
4
7.26
MHz
Crystal Frequency Range (Note 1)
2
0.75
1
1.5
Load = 10pF || 10k
Ω, fXTLOUT = 6MHz
VP-P
XTLOUT Output Voltage Swing
V
XTLOUT Output Voltage DC
At 1kHz offset, fLO = 2175MHz
MOD+, MOD- Hold Time (Note 1)
tHM
7
Figure 1
CONDITIONS
ns
MOD+, MOD- Setup Time (Note 1)
tSUM
SYNTHESIZER
LOCAL OSCILLATOR


Similar Part No. - MAX2104CCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2104CCM MAXIM-MAX2104CCM Datasheet
93Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. A January 28, 2001
More results

Similar Description - MAX2104CCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
   Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
logo
Sony Corporation
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
Maxim Integrated Produc...
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com