Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1187CN8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1187CN8
Description  Low Power Video Difference Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1187CN8 Datasheet(HTML) 1 Page - Linear Technology

  LT1187CN8 Datasheet HTML 1Page - Linear Technology LT1187CN8 Datasheet HTML 2Page - Linear Technology LT1187CN8 Datasheet HTML 3Page - Linear Technology LT1187CN8 Datasheet HTML 4Page - Linear Technology LT1187CN8 Datasheet HTML 5Page - Linear Technology LT1187CN8 Datasheet HTML 6Page - Linear Technology LT1187CN8 Datasheet HTML 7Page - Linear Technology LT1187CN8 Datasheet HTML 8Page - Linear Technology LT1187CN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1187
1
1187fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Low Power
Video Difference Amplifier
The LT
®1187 is a difference amplifier optimized for op-
eration on ±5V, or a single 5V supply and gain ≥2. This
versatile amplifier features uncommitted high input imped-
ance (+) and (–) inputs, and can be used in differential
or single-ended configurations. Additionally, a second
set of inputs give gain adjustment and DC control to the
difference amplifier.
The LT1187’s high slew rate, 165V/ms, wide bandwidth,
50MHz, and ±20mA output current require only 13mA of
supply current. The shutdown feature reduces the power
dissipation to a mere 15mW and allows multiple amplifiers
to drive the same cable.
The LT1187 is a low power version of the popular LT1193,
and is available in 8-pin miniDIPs and SO packages. For
applications with gains of 10 or more, see the LT1189
data sheet.
Cable Sense Amplfier for Loop Through Connections with DC Adjust
Differential or Single-Ended Gain Block (Adjustable)
–3dB Bandwidth, AV = ±2: 50MHz
Slew Rate: 165V/µs
Low Supply Current: 13mA
Output Current: ±20mA
CMRR at 10MHz: 40dB
LT1193 Pin Compatible
Low Cost
Single 5V Operation
Drives Cables Directly
Output Shutdown
Available in 8-Lead PDIP and SO Packages
Line Receivers
Video Signal Processing
Cable Drivers
Tape and Disc Drive Systems
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
LT1187 • TA01
CABLE
DC
V
5V
7
6
LT1187
–5V
4
+
+
3
1
2
8
1k
OUT
V
IN
V
1k
FREQUENCY (MHz)
0
10
20
30
40
0.1
10
100
LT1187 • TA02
–10
1
VS = ±5V
RL = 1k
Closed-Loop Gain vs Frequency


Similar Part No. - LT1187CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1187CN8 LINER-LT1187CN8 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
More results

Similar Description - LT1187CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1187 LINER-LT1187_15 Datasheet
420Kb / 16P
   Low Power Video Difference Amplifi er
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Sanyo Semicon Device
2SA1705 SANYO-2SA1705_12 Datasheet
482Kb / 6P
   Low-Frequency Power Amplifi er Applications
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
   Low Power Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
   Low Power Video Difference Amplifier
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
logo
Linear Technology
LT1189 LINER-LT1189 Datasheet
349Kb / 12P
   Low Power Video Difference Amplifier
logo
Mini-Circuits
ZHL-100W-13 MINI-ZHL-100W-13 Datasheet
391Kb / 3P
   High Power Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com