Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2108 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2108
Description  Direct-Conversion Tuner IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2108 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2108 Datasheet HTML 2Page - Maxim Integrated Products MAX2108 Datasheet HTML 3Page - Maxim Integrated Products MAX2108 Datasheet HTML 4Page - Maxim Integrated Products MAX2108 Datasheet HTML 5Page - Maxim Integrated Products MAX2108 Datasheet HTML 6Page - Maxim Integrated Products MAX2108 Datasheet HTML 7Page - Maxim Integrated Products MAX2108 Datasheet HTML 8Page - Maxim Integrated Products MAX2108 Datasheet HTML 9Page - Maxim Integrated Products MAX2108 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Direct-Conversion Tuner IC
6
_______________________________________________________________________________________
_______________Detailed Description
The MAX2108 downconverts signals in the 950MHz to
2150MHz range directly to baseband in-phase/
quadrature-phase (I/Q) signals. It is designed for digital
DBS tuner applications where a direct downconversion
provides a cost savings over multiple-conversion
approaches. However, the MAX2108 is applicable to
any system requiring a broadband I/Q downconversion.
Internally, the MAX2108 consists of a broadband front-
end variable gain stage, a quadrature downconverter,
a 90° quadrature generator, a divide-by 32/33
prescaler, and high-linearity I and Q baseband buffers.
The front-end gain-control range is over 50dB.
Specifically, when the MAX2108 operates in an auto-
matic gain control (AGC) loop, VGC is adjusted by the
loop so that a sine wave at RFIN ranging in power from
-70dBm to -20dBm produces a sine wave across IOUT,
IOUT and QOUT, QOUT at 10mVP-P differential. The
noise figure is at its minimum when GC is at its maxi-
mum gain setting.
The quadrature downconverter follows the front-end
variable-gain amplifier. The mixer LO ports are fed with
the two LO signals, which are 90° apart in phase.
These quadrature LO signals are generated internally
using the signal from the LO and LO pins.
The resulting I/Q baseband signals are fed through
separate I-channel and Q-channel baseband buffers.
The outputs are capable of driving lowpass filters with
100
Ω characteristic impedance (that is, the equivalent
of an AC-coupled 100
Ω load). The baseband -3dB out-
put bandwidth is approximately 150MHz.
Applications Information
Front-End Tuner Circuitry
for DBS Tuners
In a typical application, the signal path ahead of the
tuner includes a discrete low-noise amplifier/buffer and
a PIN-diode attenuator. Since the MAX2108 satisfies
the noise and linearity requirements for DBS, this front-
end circuitry is not required.
In some very high linearity applications, such as single
channel-per-carrier (SCPC), a varactor-tuned pre-
selection bandpass filter is added between a discrete
LNA and the MAX2108. The filter provides a means of
broadly filtering adjacent interference signals, thus
improving the intermodulation performance of the tuner.
Additionally, the filter removes RF interference at twice
the LO frequency, which otherwise adds to the co-
channel interference. The MAX2108 rejects this carrier
to approximately 25dBc.
LO Port
The MAX2108 accepts either a single-ended or differ-
ential LO signal. For single-ended drive, AC-couple the
LO signal into LO with a 47pF capacitor, and bypass
LO to ground with a 47pF capacitor in series with a
25
Ω resistor. Drive LO with a 50Ω source at -5dBm.
Prescaler
The prescaler requires a stable logic level at PS_SEL
4ns before the falling edge of PSOUT, PSOUT to assert
the desired modulus. The logic level at PS_SEL must
remain static until 2ns after this falling edge.
Baseband Buffers
The MAX2108 baseband buffers provide at least
10mVp-p differential swing across IOUT, IOUT and
QOUT, QOUT, and are capable of driving an AC-cou-
pled 100
Ω differential load. In a typical application,
IOUT, IOUT, QOUT, and QOUT drive a 5th- or 7th-order
lowpass filter for ADC anti-aliasing purposes (see the
Filters in Direct-Conversion Tuners section ). In general,
additional gain is required, after the filters. This is
accomplished with a pair of video-speed op amps,
such as the MAX4216 dual video op amp, or a simple
transistor circuit. Contact Maxim for more information
about the MAX4216.
Layout Considerations
Observe standard RF layout rules. A ground plane is
essential; when connecting areas of ground plane
between layers, use vias liberally. If a ground plane is
used under the lowpass filters, note that the filter
response may be slightly offset due to parasitic capaci-
tance.
In a direct-conversion receiver, LO leakage to the RF
input connector is a major issue, since filtering of the
LO is impossible (the LO operates at the same frequen-
cy as the RF input). Observe the power-supply bypass
capacitor connections in the Pin Description table,
notably pins 3, 5, 12, and 21. Traces from these IC pins
to the bypass capacitors must be kept on the top side
of the board and as short as possible.


Similar Part No. - MAX2108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108CEG MAXIM-MAX2108CEG Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
More results

Similar Description - MAX2108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580 MAXIM-MAX3580_07 Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
MAX3580 MAXIM-MAX3580_09 Datasheet
345Kb / 21P
   Direct-Conversion TV Tuner
Rev 7; 1/09
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com