Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1191 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1191
Description  Ultrahigh Speed Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1191 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1191_01 Datasheet HTML 4Page - Linear Technology LT1191_01 Datasheet HTML 5Page - Linear Technology LT1191_01 Datasheet HTML 6Page - Linear Technology LT1191_01 Datasheet HTML 7Page - Linear Technology LT1191_01 Datasheet HTML 8Page - Linear Technology LT1191_01 Datasheet HTML 9Page - Linear Technology LT1191_01 Datasheet HTML 10Page - Linear Technology LT1191_01 Datasheet HTML 11Page - Linear Technology LT1191_01 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1191
FREQUENCY (Hz)
10
LT1191 • TA08
100M
10M
1M
100k
AV = 1
R
= 1k
R = 1k
AV = 2
RFB = 1k
RG = 330Ω
5
0
–5
–10
RFB = 300Ω
RG = 300
VS = ±5V
TA = 25°C
FB
G
CABLE
2
+
5V
7
LT1191
–5V
4
3
6
R
75
75
G
RFB
Cable Driver Voltage Gain vs Frequency
Double Terminated Cable Driver
Cable Terminations
The LT1191 operational amplifier has been optimized as a
low cost video cable driver. The
±50mAguaranteedoutput
current enables the LT1191 to easily deliver 7.5VP-P into
100
Ω, while operating on ±5V supplies or 2.6VP-P on a
single 5V supply.
When driving a cable it is important to terminate the cable
to avoid unwanted reflections. This can be done in one of
two ways: single termination or double termination. With
single termination, the cable must be terminated at the
receiving end (75
Ω to ground) to absorb unwanted en-
ergy. The best performance can be obtained by double
termination (75
Ω in series with the output of the amplifier,
and 75
Ω to ground at the other end of the cable). This
termination is preferred because reflected energy is ab-
sorbed at each end of the cable. When using the double
termination technique it is important to note that the signal
is attenuated by a factor of 2, or 6dB. This can be compen-
sated for by taking a gain of 2, or 6dB in the amplifier. The
cable driver has a –3dB bandwidth of 100MHz while
driving the 150
Ω load. Note the response can be improved
by lowering the impedance of the feedback elements.
Using the Shutdown Feature
The LT1191 has a unique feature that allows the amplifier
to be shut down for conserving power or for multiplexing
several amplifiers onto a common cable. The amplifier will
shut down by taking Pin 5 to V. In shutdown, the amplifier
dissipates 15mW while maintaining a true high impedance
output state of 15k
Ω in parallel with the feedback resis-
tors. The amplifiers must be used in a noninverting con-
figuration for MUX applications. In inverting configurations
the input signal is fed to the output through the feedback
components. The following scope photos show that with
very high RL, the output is truly high impedance; the
output slowly decays toward ground. Additionally, when
the output is loaded with as little as 1k
Ωtheamplifiershuts
off in 400ns. This shutoff can be under the control of HC
CMOS operating between 0V and –5V.
APPLICATIO S I FOR ATIO
Output Shutdown
Output Shutdown
LT1191 • TA09
1MHz SINE WAVE GATED OFF WITH
SHUTDOWN PIN, AV = 1, RL =
VOUT
–5V
0V
LT1191 • TA10
1MHz SINE WAVE GATED OFF WITH
SHUTDOWN PIN, AV = 1, RL = 1kΩ
VOUT
–5V
0V
VSHDN
VSHDN


Similar Part No. - LT1191_01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1191C LINER-LT1191C Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
LT1191CJ8 LINER-LT1191CJ8 Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
LT1191CN8 LINER-LT1191CN8 Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
LT1191CS8 LINER-LT1191CS8 Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
LT1191M LINER-LT1191M Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
More results

Similar Description - LT1191_01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com