Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2160 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2160
Description  Evaluation Kit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2160 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2160_1 Datasheet HTML 1Page - Maxim Integrated Products MAX2160_1 Datasheet HTML 2Page - Maxim Integrated Products MAX2160_1 Datasheet HTML 3Page - Maxim Integrated Products MAX2160_1 Datasheet HTML 4Page - Maxim Integrated Products MAX2160_1 Datasheet HTML 5Page - Maxim Integrated Products MAX2160_1 Datasheet HTML 6Page - Maxim Integrated Products MAX2160_1 Datasheet HTML 7Page - Maxim Integrated Products MAX2160_1 Datasheet HTML 8Page - Maxim Integrated Products MAX2160_1 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX2160 evaluation kit (EV kit) simplifies the test-
ing and evaluation of the MAX2160 single-segment
ISDB-T tuner. The evaluation kit is fully assembled and
tested at the factory. Standard 50
Ω SMA connectors
are included on the EV kit for the inputs and outputs to
allow quick and easy evaluation on the test bench.
This document provides a list of equipment required to
evaluate the device, a straightforward test procedure to
verify functionality, a description of the EV kit circuit, the
circuit schematic, a bill of materials (BOM) for the kit,
and artwork for each layer of the PC board.
Features
♦ Easy Evaluation of the MAX2160
♦ 50Ω SMA Connectors
♦ All Critical Peripheral Components Included
♦ Fully Assembled and Tested
♦ PC Control Software (Available at www.maxim-
ic.com)
MAX2160 Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
19-3561; Rev 0; 1/05
Component List
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
*EP = Exposed paddle.
PART
TEMP RANGE
IC PACKAGE
MAX2160EVKIT
-40°C to +85°C
40 Thin QFN-EP*
DESIGNATION
QTY
DESCRIPTION
C1, C14, C15,
C20–C24, C34,
C35, C36, C38,
C39
13
0.01µF
±10% ceramic capacitors
(0402)
Murata GRM155R71E103K
C2
1
27pF
±5% ceramic capacitor (0402)
Murata GRM1555C1H270J
C3, C4, C5,
C7–C10, C12,
C16, C17, C19
11
100pF
±5% ceramic capacitors
(0402)
Murata GRM1555C1H101J
C6, C18
2
1000pF ceramic capacitors (0402)
Murata GRM155R71H102K
C11
1
0
Ω resistor (0402)
C13
0
Not installed
C25, C26
2
1µF
±10% ceramic capacitors (0402)
Murata GRM155R60J105K
C27
1
0.1µF
±10% ceramic capacitor (0402)
Murata GRM155R71C104K
C28
1
0.047µF ceramic capacitor (0402)
Murata GRM155R71A473K
C29
1
470pF
±5% ceramic capacitor (0402)
Murata GRM1555C1H471J
C30
1
220pF
±5% ceramic capacitor (0402)
Murata GRM1555C1H221J
C31, C32, C33
3
10µF
±10% tantalum capacitors (C
case)
AVX TAJC106K016
C37
1
470nF
±10% ceramic capacitor
(0402)
Murata GRM155R60J474K
J1, J2, J3, J5,
J8, J9
6
Edge-mount SMA connectors—round
contacts
Johnson 142-0701-801
DESIGNATION
QTY
DESCRIPTION
J4
1
DB25 connector—right-angle male
AMP 747238-4
J6
0
2-pin in-line header—0.100in centers
Sullins PTC36SAAN
J7
1
2-pin in-line header—0.100in centers
Sullins PTC36SAAN
J7, J27
2
Shorting jumpers
Sullins STC02SYAN
J10
0
Scope probe
Tektronix 131-4244-00
(not installed)
J11, J12
2
PC-mount SMA connectors
Johnson 142-0701-201
J13–J17,
TP1–TP4
9
Mini red test points
Keystone 5000
J18–J26
0
2-pin in-line headers—0.100in
centers
Sullins PTC36SAAN
(not installed)
J27
1
3-pin in-line header—0.100in centers
Sullins PTC36SAAN
L1
0
10nH
±5% inductor (0402)
Murata LQG15HN10NJ00
(not installed)
R1, R2, R4, R6,
R7, R8, R18,
R27, R28, R31,
R33
11
0
Ω resistors (0402)
R3, R5, R19
0
Not installed
R9–R13, R32
6
4.7k
Ω ±5% resistors (0402)
R16, R17
2
20k
Ω ±5% resistors (0402)
R20
1
1.2k
Ω ±5% resistor (0402)


Similar Part No. - MAX2160_1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160EBG MAXIM-MAX2160EBG Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
MAX2160EBG MAXIM-MAX2160EBG Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160EBG++ MAXIM-MAX2160EBG+ Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
MAX2160EBG++ MAXIM-MAX2160EBG+ Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160ETL MAXIM-MAX2160ETL Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
More results

Similar Description - MAX2160_1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com