Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1191CJ8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1191CJ8
Description  Ultrahigh Speed Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1191CJ8 Datasheet(HTML) 5 Page - Linear Technology

  LT1191CJ8 Datasheet HTML 1Page - Linear Technology LT1191CJ8 Datasheet HTML 2Page - Linear Technology LT1191CJ8 Datasheet HTML 3Page - Linear Technology LT1191CJ8 Datasheet HTML 4Page - Linear Technology LT1191CJ8 Datasheet HTML 5Page - Linear Technology LT1191CJ8 Datasheet HTML 6Page - Linear Technology LT1191CJ8 Datasheet HTML 7Page - Linear Technology LT1191CJ8 Datasheet HTML 8Page - Linear Technology LT1191CJ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1191
TEMPERATURE (
°C)
–50
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
0
25
75
125
LT1191 • TPC02
–25
50
100
+IB
–IB
VS = ±5V
IOS
TEMPERATURE (
°C)
–50
1.0
1.5
2.5
3.0
4.0
4.5
5.0
0
25
75
125
LT1191 • TPC07
3.5
2.0
–25
50
100
VS = ±5V
VSHDN = –VEE + 0.4V
VSHDN = –VEE + 0.2V
VSHDN = –VEE
FREQUENCY (Hz)
20
60
80
10
1k
10k
100k
LT1191 • TPC05
0
100
40
VS = ±5V
TA = 25°C
RS = 100k
FREQUENCY (Hz)
200
250
300
10
1k
10k
100k
LT1191 • TPC04
0
100
150
100
50
VS = ±5V
TA = 25°C
RS = 0Ω
±V SUPPLY VOLTAGE (V)
0
–10
–6
–2
0
4
6
10
48
10
LT1191 • TPC03
8
2
–4
–8
26
–55
°C
25
°C
125
°C
+V COMMON MODE
–V COMMON MODE
125
°C
–55
°C
25
°C
Input Bias Current
vs Common Mode Voltage
COMMON MODE VOLTAGE (V)
–4
–2
–1
0
1
2
3
4
–2
0
2
4
LT1191 • TPC01
–3
–1
1
3
125
°C
–55
°C
25
°C
VS = ±5V
±SUPPLY VOLTAGE (V)
0
0
10
20
30
40
246
10
LT1191 • TPC06
8
–55
°C
25
°C
125
°C
TEMPERATURE (
°C)
–50
0
10k
20k
30k
40k
50k
0
25
75
125
LT1191 • TPC08
–25
50
100
VS = ±5V
VO = ±3V
RL = 1k
RL = 100Ω
LOAD RESISTANCE (
Ω)
10
0
10k
30k
50k
100
1000
LT1191 • TPC09
40k
20k
VS = ±5V
VO = ±3V
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current
vs Temperature
Common Mode Voltage
vs Supply Voltage
Equivalent Input Noise Voltage
vs Frequency
Supply Current vs Supply Voltage
Equivalent Input Noise Current
vs Frequency
Shutdown Supply Current
vs Temperature
Open-Loop Voltage Gain
vs Temperature
Open-Loop Voltage Gain
vs Load Resistance


Similar Part No. - LT1191CJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1191CJ8 LINER-LT1191CJ8 Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
More results

Similar Description - LT1191CJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com