Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1192 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1192
Description  Ultrahigh Speed Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1192 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1192 Datasheet HTML 2Page - Linear Technology LT1192 Datasheet HTML 3Page - Linear Technology LT1192 Datasheet HTML 4Page - Linear Technology LT1192 Datasheet HTML 5Page - Linear Technology LT1192 Datasheet HTML 6Page - Linear Technology LT1192 Datasheet HTML 7Page - Linear Technology LT1192 Datasheet HTML 8Page - Linear Technology LT1192 Datasheet HTML 9Page - Linear Technology LT1192 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1192
±V SUPPLY VOLTAGE (V)
0
–10
–8
–6
–2
10
24
6
10
LT1192 • TPC17
–4
0
2
4
6
8
RL = 1k
– VOUT, –55°C,
25
°C, 125°C
8
+VOUT, 25°C,
125
°C, –55°C
FREQUENCY (Hz)
0
20
60
80
100
100k
LT1192 • TPC10
–20
1M
10M
100M
1G
40
GAIN
0
20
60
80
100
–20
40
VS = ±5V
TA = 25°C
RL = 1k
PHASE
FREQUENCY (Hz)
0.001
0.01
1
10
100
1k
LT1192 • TPC13
10k
100k
1M
10M
100M
AV = – 10
VS = ±5V
TA = 25°C
AV = –100
0.1
±V SUPPLY VOLTAGE (V)
0
240
280
300
320
340
360
380
24
8
10
LT1192 • TPC11
6
260
TA = –55°C, 25°C, 125°C
TEMPERATURE (
°C)
–50
50
52
58
60
62
68
70
0
50
100
125
LT1192 • TPC12
64
56
–25
25
75
30
54
66
32
38
40
42
48
50
44
36
34
46
GAIN = 5 FREQUENCY
PHASE MARGIN
VS = ±5V
RL = 1k
FREQUENCY (Hz)
10
20
50
60
70
LT1192 • TPC14
30
40
VS = ±5V
TA = 25°C
RL = 1k
1M
10M
100M
1G
FREQUENCY (Hz)
20
40
60
80
100
LT1192 • TPC15
0
–PSRR
+PSRR
10k
1k
100k
1M
10M
100M
VS = ±5V
VRIPPLE = ±300mV
TA = 25°C
TEMPERATURE (
°C)
–50
70
90
100
0
25
75
125
LT1192 • TPC16
–25
50
100
VS = ±5V
80
LOAD RESISTANCE (
Ω)
10
–5
–3
1
5
100
1000
LT1192 • TPC18
VS = ±5V
3
–1
TA = –55°C
TA = 25°C
TA = 125°C
TA = 125°C
TA = –55°C, 25°C
Gain, Phase vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
Gain Bandwidth Product
vs Supply Voltage
Output Impedance vs Frequency
Gain and Phase Margin
vs Temperature
Common Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
Output Short-Circuit Current
vs Temperature
Output Swing vs Supply Voltage
Output Voltage Swing
vs Load Resistance


Similar Part No. - LT1192

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1192 LINER-LT1192 Datasheet
959Kb / 12P
   Ultra High Speed Operational Amplifier???
LT1192 LINER-LT1192 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192C LINER-LT1192C Datasheet
959Kb / 12P
   Ultra High Speed Operational Amplifier???
LT1192CJ8 LINER-LT1192CJ8 Datasheet
959Kb / 12P
   Ultra High Speed Operational Amplifier???
LT1192CN8 LINER-LT1192CN8 Datasheet
959Kb / 12P
   Ultra High Speed Operational Amplifier???
More results

Similar Description - LT1192

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com