Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1195 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1195
Description  Low Power, High Speed Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1195 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1195 Datasheet HTML 4Page - Linear Technology LT1195 Datasheet HTML 5Page - Linear Technology LT1195 Datasheet HTML 6Page - Linear Technology LT1195 Datasheet HTML 7Page - Linear Technology LT1195 Datasheet HTML 8Page - Linear Technology LT1195 Datasheet HTML 9Page - Linear Technology LT1195 Datasheet HTML 10Page - Linear Technology LT1195 Datasheet HTML 11Page - Linear Technology LT1195 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1195
1195fa
+
VOUT
1195 SS
VBIAS
CM
CFF
V+
V+
3
2
1
8
5
BAL
BAL
S/D
6
*
V+
7
V
4
* SUBSTRATE DIODE, DO NOT FORWARD BIAS
VBIAS
APPLICATIO S I FOR ATIO
Bidirectional Video Bus
1195 AI12
+
LT1195
75Ω
33Ω
3
2
6
1k
1k
1k
1k
1000pF
+
+
+
S/D
5
6
LT1187
15Ω
RFB
300Ω
RG
300Ω
75Ω
50Ω
2
3
6
33Ω
15Ω
LT1195
RECEIVE 2
33Ω
3
2
6
1k
1k
1k
1k
1000pF
S/D
5
6
15Ω
RFB
300Ω
RG
300Ω
75Ω
50Ω
2
3
6
33Ω
15Ω
+
75Ω
+
+
+
RECEIVE 1
3
2
1
8
3
2
1
8
TRANSMIT 1
TRANSMIT 2
LT1195
LT1195
LT1187
1000 FT
TWISTED-PAIR
SIWPLIFIED SCHEWATIC
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LT1195

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195 Datasheet
344Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195C LINER-LT1195C Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195CJ8 LINER-LT1195CJ8 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195CN8 LINER-LT1195CN8 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
More results

Similar Description - LT1195

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
   High Speed Low Power Operational Amplifier
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93 Datasheet
351Kb / 8P
   HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
   High-Speed, Low-Power Dual Operational Amplifier
REV. B
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
   High-Speed, Low-Power Dual Operational Amplifier
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93_07 Datasheet
273Kb / 13P
   High-speed low power triple operational amplifier
logo
Analog Devices
AD826 AD-AD826_15 Datasheet
725Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com