Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1210 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1210
Description  1.1A, 35MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1210 Datasheet(HTML) 3 Page - Linear Technology

  LT1210 Datasheet HTML 1Page - Linear Technology LT1210 Datasheet HTML 2Page - Linear Technology LT1210 Datasheet HTML 3Page - Linear Technology LT1210 Datasheet HTML 4Page - Linear Technology LT1210 Datasheet HTML 5Page - Linear Technology LT1210 Datasheet HTML 6Page - Linear Technology LT1210 Datasheet HTML 7Page - Linear Technology LT1210 Datasheet HTML 8Page - Linear Technology LT1210 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1210
1210fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±12V
55
62
dB
VS = ±5V, VCM = ±2V
50
60
dB
Inverting Input Current
VS = ±15V, VCM = ±12V
0.1
10
µA/V
Common Mode Rejection
VS = ±5V, VCM = ±2V
0.1
10
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
60
77
dB
Noninverting Input Current
VS = ±5V to ±15V
30
500
nA/V
Power Supply Rejection
Inverting Input Current
VS = ±5V to ±15V
0.7
5
µA/V
Power Supply Rejection
AV
Large-Signal Voltage Gain
TA = 25°C, VS = ±15V, VOUT = ±10V,
55
71
dB
RL = 10Ω (Note 3)
VS = ±15V, VOUT = ±8.5V, RL = 10Ω (Note 3)
55
68
dB
VS = ±5V, VOUT = ±2V, RL = 10Ω
55
68
dB
ROL
Transresistance,
∆VOUT/∆IIN–
TA = 25°C, VS = ±15V, VOUT = ±10V,
RL = 10Ω (Note 3)
100
260
k
VS = ±15V, VOUT = ±8.5V, RL = 10Ω (Note 3)
75
200
k
VS = ±5V, VOUT = ±2V, RL = 10Ω
75
200
k
VOUT
Maximum Output Voltage Swing
TA = 25°C, VS = ±15V, RL = 10Ω (Note 3)
±10.0
±11.5
V
±8.5
V
TA = 25°C, VS = ±5V, RL = 10Ω
±2.5
±3.0
V
±2.0
V
IOUT
Maximum Output Current (Note 4)
VS = ±15V, RL = 1Ω
1.1
2.0
A
IS
Supply Current (Note 4)
TA = 25°C, VS = ±15V, VSD = 0V
35
50
mA
65
mA
Supply Current, RSD = 51k (Notes 4, 5)
TA = 25°C, VS = ±15V
15
30
mA
Positive Supply Current, Shutdown
VS = ±15V, VSD = 15V
200
µA
Output Leakage Current, Shutdown
VS = ±15V, VSD = 15V
10
µA
SR
Slew Rate (Note 6)
TA = 25°C, AV = 2, RL = 400Ω
400
900
V/
µs
Slew Rate (Note 4)
TA = 25°C, AV = 2, RL = 10Ω
900
V/
µs
Differential Gain (Notes 4, 7)
VS = ±15V, RF = 750Ω, RG = 750Ω, RL = 15Ω
0.3
%
Differential Phase (Notes 4, 7)
VS = ±15V, RF = 750Ω, RG = 750Ω, RL = 15Ω
0.1
DEG
BW
Small-Signal Bandwidth
AV = 2, VS = ±15V, Peaking ≤ 1dB,
55
MHz
RF = RG = 680Ω, RL = 100Ω
AV = 2, VS = ±15V, Peaking ≤ 1dB,
35
MHz
RF = RG = 576Ω, RL = 10Ω
Note 4: SO package is recommended for
±5V supplies only, as the power
dissipation of the SO package limits performance on higher supplies. For
supply voltages greater than
±5V, use the TO-220 or DD package. See
“Thermal Considerations” in the Applications Information section for
details on calculating junction temperature. If the maximum dissipation of
the package is exceeded, the device will go into thermal shutdown.
Note 5: RSD is connected between the Shutdown pin and ground.
Note 6: Slew rate is measured at
±5V on a ±10V output signal while
operating on
±15V supplies with RF = 1.5k, RG = 1.5k and RL = 400Ω.
Note 7: NTSC composite video with an output level of 2V.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Applies to short circuits to ground only. A short circuit between
the output and either supply may permanently damage the part when
operated on supplies greater than
±10V.
Note 3: Commercial grade parts are designed to operate over the
temperature range of – 40
°C ≤ TA ≤ 85°C, but are neither tested nor
guaranteed beyond 0
°C ≤ TA ≤ 70°C. Industrial grade parts tested over
–40
°C ≤ TA ≤ 85°C are available on special request. Consult factory.
ELECTRICAL CHARACTERISTICS The denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCM = 0V, ±5V ≤ VS ≤ ±15V, pulse tested, VSD = 0V, unless
otherwise noted.


Similar Part No. - LT1210

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1210 LINER-LT1210 Datasheet
358Kb / 16P
   1.1A, 35MHz Current Feedback Amplifier
LT1210 LINER-LT1210 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1210 LINER-LT1210 Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1210CR LINER-LT1210CR Datasheet
358Kb / 16P
   1.1A, 35MHz Current Feedback Amplifier
LT1210CS LINER-LT1210CS Datasheet
358Kb / 16P
   1.1A, 35MHz Current Feedback Amplifier
More results

Similar Description - LT1210

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1210 LINER-LT1210 Datasheet
358Kb / 16P
   1.1A, 35MHz Current Feedback Amplifier
logo
Analog Devices
LT1210X AD-LT1210X Datasheet
618Kb / 4P
   High Temperature 1.0A, 35MHz Current Feedback Amplifier
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com