Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1210CR Datasheet(PDF) 10 Page - Linear Technology

Part # LT1210CR
Description  1.1A, 35MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1210CR Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1210CR Datasheet HTML 6Page - Linear Technology LT1210CR Datasheet HTML 7Page - Linear Technology LT1210CR Datasheet HTML 8Page - Linear Technology LT1210CR Datasheet HTML 9Page - Linear Technology LT1210CR Datasheet HTML 10Page - Linear Technology LT1210CR Datasheet HTML 11Page - Linear Technology LT1210CR Datasheet HTML 12Page - Linear Technology LT1210CR Datasheet HTML 13Page - Linear Technology LT1210CR Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1210
1210fa
S
APPLICATI
I FOR ATIO
When the LT1210 is used to drive capacitive loads, the
available output current can limit the overall slew rate. In
the fastest configuration, the LT1210 is capable of a slew
rate of over 1V/ns. The current required to slew a capacitor
at this rate is 1mA per picofarad of capacitance, so
10,000pF would require 10A! The photo (Figure 6) shows
the large-signal behavior with CL = 10,000pF. The slew
rate is about 150V/
µs, determined by the current limit of
1.5A.
the bandwidth is reduced. The photos in Figures 5a, 5b and
5c show the large-signal response of the LT1210 for
various gain configurations. The slew rate varies from
770V/
µs for a gain of 1, to 1100V/µs for a gain of –1.
1210 F05c
RF = RG = 750Ω
RL = 10Ω
Figure 5c. Large-Signal Response, AV = 2
Figure 5a. Large-Signal Response, AV = 1
1210 F05a
RF = 825Ω
RL = 10Ω
VS = ±15V
RF = RG = 750Ω
RL = 10Ω
VS = ±15V
1210 F05b
1210 F06
RF = RG = 3k
RL =
VS = ±15V
Differential Input Signal Swing
The differential input swing is limited to about
±6V by an
ESD protection device connected between the inputs. In
normal operation, the differential voltage between the
input pins is small, so this clamp has no effect; however,
in the shutdown mode the differential swing can be the
same as the input swing. The clamp voltage will then set
the maximum allowable input voltage. To allow for some
margin, it is recommended that the input signal be less
than
±5V when the device is shut down.
Capacitance on the Inverting Input
Current feedback amplifiers require resistive feedback
from the output to the inverting input for stable operation.
Take care to minimize the stray capacitance between the
output and the inverting input. Capacitance on the invert-
ing input to ground will cause peaking in the frequency
response (and overshoot in the transient response), but it
does not degrade the stability of the amplifier.
Figure 5b. Large-Signal Response, AV = –1
Figure 6. Large-Signal Response, CL = 10,000pF
VS = ±15V


Similar Part No. - LT1210CR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1210CR LINER-LT1210CR Datasheet
358Kb / 16P
   1.1A, 35MHz Current Feedback Amplifier
More results

Similar Description - LT1210CR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1210 LINER-LT1210 Datasheet
358Kb / 16P
   1.1A, 35MHz Current Feedback Amplifier
logo
Analog Devices
LT1210X AD-LT1210X Datasheet
618Kb / 4P
   High Temperature 1.0A, 35MHz Current Feedback Amplifier
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com