Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1310A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1310A
Description  Stereo Continuous Calibration DAC CC-DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1310A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1310A Datasheet HTML 3Page - NXP Semiconductors TDA1310A Datasheet HTML 4Page - NXP Semiconductors TDA1310A Datasheet HTML 5Page - NXP Semiconductors TDA1310A Datasheet HTML 6Page - NXP Semiconductors TDA1310A Datasheet HTML 7Page - NXP Semiconductors TDA1310A Datasheet HTML 8Page - NXP Semiconductors TDA1310A Datasheet HTML 9Page - NXP Semiconductors TDA1310A Datasheet HTML 10Page - NXP Semiconductors TDA1310A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
May 1994
7
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC
(CC-DAC)
TDA1310A
CHARACTERISTICS
VDD =5V; Tamb =25 °C; measured in Fig.1; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
3.0
5.0
5.5
V
IDD
supply current
at code 0000H
3.0
4.0
mA
SVRR
supply voltage ripple rejection
note 1
30
dB
Digital inputs; pins WS, BCK and DATA
|I
IL|
input leakage current LOW
VI =0V
−−
10
µA
|IIH|
input leakage current HIGH
VI =5V
−−
10
µA
fclk
clock frequency
−−
18.4
MHz
BR
bit rate data input
−−
18.4
Mbits/s
fWS
word select input frequency
−−
384
kHz
Timing (see Fig.4)
tr
rise time
−−
12
ns
tf
fall time
−−
12
ns
tCY
bit clock cycle time
54
−−
ns
tBCKH
bit clock pulse width HIGH
15
−−
ns
tBCKL
bit clock pulse width LOW
15
−−
ns
tSU;DAT
data set-up time
12
−−
ns
tHD:DAT
data hold time to bit clock
2
−−
ns
tHD:WS
word select hold time
2
−−
ns
tSU;WS
word select set-up time
12
−−
ns
Analog input; pin Iref
Rref
reference resistor
see Fig.1
7.4
11.0
14.6
k
Analog outputs; pins IOL and IOR
RES
resolution
−−
16
bits
VDCC
DC output voltage compliance
2.0
VDD − 1V
IFS
full-scale current
0.9
1.0
1.1
mA
TCFS
full-scale temperature
coefficient
−±400 × 10−6
Ibias
bias current
643
714
785
µA
GFS
reference input current to full
scale output current gain
11.9
13.2
14.5
Gbias
reference input current to bias
current gain
8.48
9.42
10.36


Similar Part No. - TDA1310A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312 PHILIPS-TDA1312 Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1312AT PHILIPS-TDA1312AT Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results

Similar Description - TDA1310A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com