Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P580-39QCL Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # P580-39QCL
Description  38MHz-320MHz Low Phase Noise VCXO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P580-39QCL Datasheet(HTML) 6 Page - PhaseLink Corporation

Back Button P580-39QCL Datasheet HTML 2Page - PhaseLink Corporation P580-39QCL Datasheet HTML 3Page - PhaseLink Corporation P580-39QCL Datasheet HTML 4Page - PhaseLink Corporation P580-39QCL Datasheet HTML 5Page - PhaseLink Corporation P580-39QCL Datasheet HTML 6Page - PhaseLink Corporation P580-39QCL Datasheet HTML 7Page - PhaseLink Corporation P580-39QCL Datasheet HTML 8Page - PhaseLink Corporation P580-39QCL Datasheet HTML 9Page - PhaseLink Corporation P580-39QCL Datasheet HTML 10Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
(Preliminary)
PL580-35/37/38/39
38MHz-320MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/14/06 Page 6
8. LVDS Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Differential Voltage
VOD
247
355
454
mV
VDD Magnitude Change
ΔVOD
-50
50
mV
Output High Voltage
VOH
1.4
1.6
V
Output Low Voltage
VOL
0.9
1.1
V
Offset Voltage
VOS
1.125
1.2
1.375
V
Offset Magnitude Change
ΔVOS
RL = 100
Ω
(see figure)
0
3
25
mV
Power-off Leakage
IOXD
Vout = VDD or GND
VDD = 0V
±1
±10
uA
Output Short Circuit Current
IOSD
-5.7
-8
mA
9. LVDS Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Differential Clock Rise Time
tr
0.2
0.7
1.0
ns
Differential Clock Fall Time
tf
RL = 100
Ω
CL = 10 pF
(see figure)
0.2
0.7
1.0
ns
OUT
OUT
V
OD
V
OS
50
Ω
50
Ω
OUT
V
DIFF
R
L = 100Ω
C
L = 10pF
C
L = 10pF
LVDS Switching Test Circuit
LVDS Levels Test Circuit
LVDS Transistion Time Waveform
OUT
OUT
OUT
0V (Differential)
0V
20%
80%
20%
80%
t
R
t
F
V
DIFF


Similar Part No. - P580-39QCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P580-39QCL PLL-P580-39QCL Datasheet
303Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
More results

Similar Description - P580-39QCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL580-37 PLL-PL580-37 Datasheet
303Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
logo
Abracon Corporation
ABV8037 ABRACON-ABV8037 Datasheet
215Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
logo
Crystek Corporation
CVHD-957 CRYSTEKCRYSTAL-CVHD-957 Datasheet
233Kb / 2P
   Ultra-Low Phase Noise VCXO
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
PhaseLink Corporation
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
logo
Abracon Corporation
ABV8068 ABRACON-ABV8068 Datasheet
133Kb / 10P
   320-640MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
logo
Abracon Corporation
ABV2088 ABRACON-ABV2088 Datasheet
71Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
03/21/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com