Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1312A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1312A
Description  Stereo continuous calibration DAC CC-DAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1312A Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1312A Datasheet HTML 1Page - NXP Semiconductors TDA1312A Datasheet HTML 2Page - NXP Semiconductors TDA1312A Datasheet HTML 3Page - NXP Semiconductors TDA1312A Datasheet HTML 4Page - NXP Semiconductors TDA1312A Datasheet HTML 5Page - NXP Semiconductors TDA1312A Datasheet HTML 6Page - NXP Semiconductors TDA1312A Datasheet HTML 7Page - NXP Semiconductors TDA1312A Datasheet HTML 8Page - NXP Semiconductors TDA1312A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
July 1993
2
Philips Semiconductors
Preliminary specification
Stereo continuous calibration
DAC (CC-DAC)
TDA1312A; TDA1312AT
FEATURES
• 8 × oversampling (simultaneous input) possible
• Voltage output
• Space saving package SO8 or DIL8
• Low power consumption
• Wide dynamic range (16-bit resolution)
• Continuous Calibration (CC) concept
• Easy application:
– single 4 to 5.5 V rail supply
– output current and bias current are proportional to the
supply voltage
– integrated current-to-voltage converter
• Internal bias current ensures maximum dynamic range
• Wide operating temperature range (−40 °C to + 85 °C)
• Compatible with most current Japanese input formats:
time multiplexed, two's complement and TTL
• No zero-crossing distortion
• Cost efficient.
GENERAL DESCRIPTION
The TDA1312A; 1312AT is a voltage driven D/A converter
and is a device of a new generation of digital-to-analog
converters which embodies the innovative technique of
Continuous Calibration (CC). The largest bit-currents are
repeatedly generated by one single current reference
source. This duplication is based upon an internal charge
storage principle having an accuracy insensitive to ageing,
temperature matching and process variations.
The TDA1312A; 1312AT is fabricated in a 1.0
µm CMOS
process and features an extremely low power dissipation,
small package size and easy application. Furthermore, the
accuracy of the intrinsic high coarse-current combined
with the implemented symmetrical offset decoding method
preclude zero-crossing distortion and ensures high quality
audio reproduction. Therefore, the CC-DAC is eminently
suitable for use in (portable) digital audio equipment.
ORDERING INFORMATION
Notes
1. SOT97-1; 1996 August 14.
2. SOT96-1; 1996 August 14.
EXTENDED TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA1312A(1)
8
DIL
plastic
SOT97DE
TDA1312AT(2)
8
SO8
plastic
SOT96AG


Similar Part No. - TDA1312A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1310 PHILIPS-TDA1310 Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310AT PHILIPS-TDA1310AT Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results

Similar Description - TDA1312A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com