Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2430 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2430
Description  Evaluation Kits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2430 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2430_1 Datasheet HTML 1Page - Maxim Integrated Products MAX2430_1 Datasheet HTML 2Page - Maxim Integrated Products MAX2430_1 Datasheet HTML 3Page - Maxim Integrated Products MAX2430_1 Datasheet HTML 4Page - Maxim Integrated Products MAX2430_1 Datasheet HTML 5Page - Maxim Integrated Products MAX2430_1 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
________________General Description
The MAX2430EVKIT-SO and MAX2430EVKIT-QSOP eval-
uation kits (EV kits) simplify evaluation of the MAX2430 sili-
con RF power amplifier. They enable testing of all
MAX2430 functions over the 800MHz to 950MHz band,
with no additional support circuitry and with minimal
equipment.
To evaluate the MAX2430 in the SO package
(MAX2430ISE), order the MAX2430EVKIT-SO. To evaluate
the MAX2430 in the PwrQSOP package, order the
MAX2430EVKIT-QSOP. These are surface-mount packages.
____________________________Features
o Low-Cost, Silicon RF Power Amplifier
o Delivers More than 125mW Output Power from
+3.6V Supply
o Single +3V to +5.5V Supply Range, Ideal for 3-Cell
NiCd or 1-Cell Lithium-Ion Battery Operation
o Output Matching Network is Tunable from
800MHz to 950MHz
o TTL/CMOS-Compatible Shutdown Input
o Easy Testing of All MAX2430 Features
o Fully Assembled and Tested Surface-Mount
Package
MAX2430 Evaluation Kits
________________________________________________________________
Maxim Integrated Products
1
QTY
DESCRIPTION
C1–C5
5
C6
1
C7
1
1µF, 10V, 10% tantalum capacitor SMT
AVX TAJA105K016
CO, CSH
2
L1, L2
2
8nH, 10% spring inductors
Coilcraft A03T
LC
1
RC
1
U1
1
VCC, GND
2
Supply connectors
J1
1
3-pin header
None
1
Shunt
0pF to 6pF SMT trimmer capacitors
Voltronics JR060
2.2nF, 10% ceramic chip capacitor
(0805)
1nF, 10% ceramic chip capacitors
(0805)
SUPPLIER
PHONE
FAX
AVX
(803) 946-0690
(803) 626-3123
______________Component Suppliers
DESIGNATION
47nH, 20% inductor
Coilcraft 0805CS-470XMBC
470
Ω, 5% resistor (0805)
MAX2430ISE
______________________________________________________________Component List
_______________Ordering Information
Coilcraft
(847) 639-6400
(847) 639-1469
Sprague
(603) 224-1961
(603) 224-1430
Voltronics
(201) 586-8585
(201) 586-3404
PIN, POUT
2
SMA connectors
DESIGNATION QTY
DESCRIPTION
C1–C5
5
1nF, 10% ceramic chip capacitors
(0603)
C6
1
2.2nF, 10% ceramic chip capacitor
(0603)
C7
1
1µF, 10V, 10% tantalum capacitor SMT
AVX TAJA105K016
CO, CSH
2
0pF to 6pF SMT trimmer capacitors
Voltronics JR060
L1
1
8nH, 10% spring inductor
Coilcraft A03T
LC
1
47nH, 20% inductor
Coilcraft 0805CS-470XMBC
RC
1
470
Ω, 5% resistor (0603)
U1
1
MAX2430IEE
VCC, GND
2
Supply connectors
J1
1
3-pin header
None
1
Shunt
PIN, POUT
2
SMA connectors
L2
1
12nH, 10% spring inductor
Coilcraft A04T
MAX2430EVKIT-SO
MAX2430EVKIT-PwrQSOP
PART
MAX2430EVKIT-PwrQSOP
0°C to +70°C
TEMP. RANGE
IC PACKAGE
16 PwrQSOP
19-1093; Rev 2; 1/98
MAX2430EVKIT-SO
0°C to +70°C
16 Narrow SO


Similar Part No. - MAX2430_1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2430IEE MAXIM-MAX2430IEE Datasheet
181Kb / 10P
   Low-Voltage, Silicon RF Power Amplifier/Predriver
19-1093; Rev 2; 1/98
MAX2430ISE MAXIM-MAX2430ISE Datasheet
181Kb / 10P
   Low-Voltage, Silicon RF Power Amplifier/Predriver
19-1093; Rev 2; 1/98
More results

Similar Description - MAX2430_1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
   Evaluation Kits
Rev 8; 4/21
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
   EVALUATION/DEVELOPMENT KITS
logo
Maxim Integrated Produc...
MAX2118EVKIT MAXIM-MAX2118EVKIT Datasheet
402Kb / 7P
   MAX2116 Evaluation Kits
Rev 0; 7/02
logo
ATMEL Corporation
ATSAM3N-EK ATMEL-ATSAM3N-EK Datasheet
565Kb / 2P
   Atmel Evaluation Kits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com