Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1223CJ8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1223CJ8
Description  100MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1223CJ8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1223CJ8 Datasheet HTML 5Page - Linear Technology LT1223CJ8 Datasheet HTML 6Page - Linear Technology LT1223CJ8 Datasheet HTML 7Page - Linear Technology LT1223CJ8 Datasheet HTML 8Page - Linear Technology LT1223CJ8 Datasheet HTML 9Page - Linear Technology LT1223CJ8 Datasheet HTML 10Page - Linear Technology LT1223CJ8 Datasheet HTML 11Page - Linear Technology LT1223CJ8 Datasheet HTML 12Page - Linear Technology LT1223CJ8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1223
9
1223fb
Shutdown
Pin 8 activates a shutdown control function. Pulling more
than 200mA from Pin 8 drops the supply current to less
than 3mA, and puts the output into a high impedance state.
The easy way to force shutdown is to ground Pin 8, using
an open collector (drain) logic stage. An internal resistor
limits current, allowing direct interfacing with no addi-
tional parts. When Pin 8 is open, the LT1223 operates
normally.
Slew Rate
The slew rate of a current feedback amplifier is not inde-
pendent of the amplifier gain configuration the way it is in
a traditional op amp. This is because the input stage and
the output stage both have slew rate limitations. Inverting
amplifiers do not slew the input and are therefore limited
only by the output stage. High gain, noninverting amplifi-
ers are similar. The input stage slew rate of the LT1223 is
about 350V/
µs before it becomes nonlinear and is en-
hanced by the normally reverse-biased emitters on the
input transistors. The output slew rate depends on the size
of the feedback resistors. The peak output slew rate is
about 2000V/
µs with a 1k feedback resistor and drops
proportionally for larger values. At an output slew rate of
1000V/
µs or more, the transistors in the “mirror circuits”
will begin to saturate due to the large feedback currents.
This causes the output to have slew induced overshoot and
is somewhat unusual looking; it is in no way harmful or
dangerous to the device. The photos show the LT1223 in
a noninverting gain of three (RF = 1k, RG = 500Ω) with a
20V peak-to-peak output slewing at 500V/
µs, 1000V/µs
and 2000V/
µs.
Settling Time
The Inverting Amplifier Settling Time versus Output Step
curve shows that the LT1223 will settle to within 1mV of
final value in less than 100ns for all output changes of 10V
or less. When operated as an inverting amplifier there is
less than 500
µV of thermal settling in the amplifier.
However, when operating the LT1223 as a noninverting
amplifier, there is an additional thermal settling compo-
nent that is about 200
µV for every volt of input common
mode change. So a noninverting gain of one amplifier will
Output Slew Rate at 2000V/
µs Shows Aberrations (See Text)
Output Slew Rate of 1000V/
µs
Output Slew Rate of 500V/
µs
1223 A01
1223 A02
1223 A03
APPLICATIO S I FOR ATIO


Similar Part No. - LT1223CJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1223CJ8 LINER-LT1223CJ8 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
More results

Similar Description - LT1223CJ8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com