Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1227CN8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1227CN8
Description  140MHz Video Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1227CN8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1227CN8 Datasheet HTML 4Page - Linear Technology LT1227CN8 Datasheet HTML 5Page - Linear Technology LT1227CN8 Datasheet HTML 6Page - Linear Technology LT1227CN8 Datasheet HTML 7Page - Linear Technology LT1227CN8 Datasheet HTML 8Page - Linear Technology LT1227CN8 Datasheet HTML 9Page - Linear Technology LT1227CN8 Datasheet HTML 10Page - Linear Technology LT1227CN8 Datasheet HTML 11Page - Linear Technology LT1227CN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1227
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S8 Package
8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
N8 Package
8-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
J8 Package
8-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
PACKAGE DESCRIPTIO
J8 1298
0.014 – 0.026
(0.360 – 0.660)
0.015 – 0.060
(0.381 – 1.524)
0.125
3.175
MIN
0.100
(2.54)
BSC
0.300 BSC
(0.762 BSC)
0.008 – 0.018
(0.203 – 0.457)
0
° – 15°
0.045 – 0.065
(1.143 – 1.651)
0.045 – 0.068
(1.143 – 1.727)
FULL LEAD
OPTION
0.023 – 0.045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
0.200
(5.080)
MAX
0.005
(0.127)
MIN
0.405
(10.287)
MAX
0.220 – 0.310
(5.588 – 7.874)
12
3
4
87
65
0.025
(0.635)
RAD TYP
NOTE: LEAD DIMENSIONS APPLY TO SOLDER
DIP/PLATE OR TIN PLATE LEADS
N8 1098
0.100
(2.54)
BSC
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.020
(0.508)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 1298
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
OBSOLETE PACKAGE


Similar Part No. - LT1227CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227CN8 LINER-LT1227CN8 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
More results

Similar Description - LT1227CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227 LINER-LT1227 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_15 Datasheet
254Kb / 12P
   140MHz Video Current Feedback Amplifier
logo
Intersil Corporation
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
   Dual 125MHz Video Current Feedback Amplifier
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
logo
Renesas Technology Corp
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com