Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1228 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1228
Description  100MHz Current Feedback Amplifier with DC Gain Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228 Datasheet(HTML) 5 Page - Linear Technology

  LT1228 Datasheet HTML 1Page - Linear Technology LT1228 Datasheet HTML 2Page - Linear Technology LT1228 Datasheet HTML 3Page - Linear Technology LT1228 Datasheet HTML 4Page - Linear Technology LT1228 Datasheet HTML 5Page - Linear Technology LT1228 Datasheet HTML 6Page - Linear Technology LT1228 Datasheet HTML 7Page - Linear Technology LT1228 Datasheet HTML 8Page - Linear Technology LT1228 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1228
1228fc
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Transconductance Amplifier, Pins 1, 2, 3 & 5
FREQUENCY (Hz)
10
10
100
1000
1k
100k
LT1228 • TPC05
VS = ±2V TO ±15V
TA = 25°C
100
10k
ISET = 1mA
ISET = 100µA
Small-Signal Bandwidth vs
Small-Signal Transconductance
Small-Signal Transconductance
Set Current
and Set Current vs Bias Voltage
vs DC Input Voltage
TEMPERATURE (
°C)
–50
V
0.5
1.0
–1.5
V+
–25
0
25
125
LT1228 • TPC06
50
75
100
–0.5
–1.0
–2.0
1.5
2.0
V= –2V TO –15V
V+ = 2V TO 15V
INPUT VOLTAGE (mVDC)
–200
0
0.2
0.4
1.4
2.0
–150 –100 –50
200
LT1228 • TPC03
0
100 150
1.8
1.6
1.2
0.6
0.8
–55
°C
VS = ±2V TO ±15V
ISET = 100µA
50
1.0
25
°C
125
°C
SET CURRENT (
µA)
10
0.1
1
10
100
100
1000
LT1228 • TPC01
R1 = 100k
R1 = 10k
R1 = 1k
R1 = 100
VS = ±15V
BIAS VOLTAGE, PIN 5 TO 4, (V)
0.01
0.1
1
10
100
0.9
1.2
1.3
1.5
LT1228 • TPC02
0.001
1.0
1.1
1.4
VS = ±2V TO ±15V
TA = 25°C
1.0
10
100
1000
10000
0.1
Total Harmonic Distortion vs
Spot Output Noise Current vs
Input Common Mode Limit vs
Input Voltage
Frequency
Temperature
INPUT VOLTAGE (mVP–P)
1
0.01
0.1
1
10
10
1000
LT1228 • TPC04
ISET = 100µA
VS = ±15V
ISET = 1mA
100
Small-Signal Control Path
Small-Signal Control Path
Output Saturation Voltage vs
Bandwidth vs Set Current
Gain vs Input Voltage
Temperature
INPUT VOLTAGE, PIN 2 TO 3, (mVDC)
0
0
1.0
120
200
LT1228 • TPC08
∆I
OUT
∆I
SET
40
80
160
0.2
0.4
0.6
0.8
0.9
0.7
0.5
0.3
0.1
TEMPERATURE (
°C)
–50
V
+0.5
+1.0
–1.0
V+
–25
0
25
125
LT1228 • TPC09
50
75
100
–0.5
±2V ≤ V
S ≤ ±15V
R1 =
SET CURRENT (
µA)
10
1
10
100
100
1000
LT1228 • TPC07
VS = ±2V TO ±15V
VIN = 200mV
(PIN 2 TO 3)
∆I
OUT
∆I
SET


Similar Part No. - LT1228

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1228 LINER-LT1228 Datasheet
435Kb / 20P
   100MHz Current Feedback Amplifier with DC Gain Control
LT1228 LINER-LT1228 Datasheet
666Kb / 22P
   100MHz Current Feedback
LT1228 LINER-LT1228 Datasheet
670Kb / 22P
   100MHz Current Feedback Amplifier with DC Gain Control
LT1228C LINER-LT1228C Datasheet
435Kb / 20P
   100MHz Current Feedback Amplifier with DC Gain Control
LT1228CJ8 LINER-LT1228CJ8 Datasheet
435Kb / 20P
   100MHz Current Feedback Amplifier with DC Gain Control
More results

Similar Description - LT1228

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1228 LINER-LT1228 Datasheet
435Kb / 20P
   100MHz Current Feedback Amplifier with DC Gain Control
LT1228 LINER-LT1228_15 Datasheet
670Kb / 22P
   100MHz Current Feedback Amplifier with DC Gain Control
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com