Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2620 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2620
Description  10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2620 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2620 Datasheet HTML 3Page - Maxim Integrated Products MAX2620 Datasheet HTML 4Page - Maxim Integrated Products MAX2620 Datasheet HTML 5Page - Maxim Integrated Products MAX2620 Datasheet HTML 6Page - Maxim Integrated Products MAX2620 Datasheet HTML 7Page - Maxim Integrated Products MAX2620 Datasheet HTML 8Page - Maxim Integrated Products MAX2620 Datasheet HTML 9Page - Maxim Integrated Products MAX2620 Datasheet HTML 10Page - Maxim Integrated Products MAX2620 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
10MHz to 1050MHz Integrated
RF Oscillator with Buffered Outputs
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 11
© 2002 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
PACKAGE OUTLINE, 8L uMAX/uSOP
1
1
21-0036
J
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
MAX
0.043
0.006
0.014
0.120
0.120
0.198
0.026
0.007
0.037
0.0207 BSC
0.0256 BSC
A2
A1
c
e
b
A
L
FRONT VIEW
SIDE VIEW
E
H
0.6±0.1
0.6±0.1
ÿ 0.50±0.1
1
TOP VIEW
D
8
A2
0.030
BOTTOM VIEW
1
6∞
S
b
L
H
E
D
e
c
0∞
0.010
0.116
0.116
0.188
0.016
0.005
8
4X S
INCHES
-
A1
A
MIN
0.002
0.95
0.75
0.5250 BSC
0.25
0.36
2.95
3.05
2.95
3.05
4.78
0.41
0.65 BSC
5.03
0.66
6∞
0∞
0.13
0.18
MAX
MIN
MILLIMETERS
-
1.10
0.05
0.15
α
α
DIM
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)


Similar Part No. - MAX2620

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2620 MAXIM-MAX2620 Datasheet
105Kb / 12P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
19-1248; Rev 1; 5/98
MAX2620 MAXIM-MAX2620 Datasheet
55Kb / 4P
   Evaluation Kit
Rev 1; 5/98
MAX2620E/D MAXIM-MAX2620E/D Datasheet
105Kb / 12P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
19-1248; Rev 1; 5/98
MAX2620EUA MAXIM-MAX2620EUA Datasheet
105Kb / 12P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
19-1248; Rev 1; 5/98
MAX2620EVKIT MAXIM-MAX2620EVKIT Datasheet
55Kb / 4P
   Evaluation Kit
Rev 1; 5/98
More results

Similar Description - MAX2620

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2620 MAXIM-MAX2620 Datasheet
105Kb / 12P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
19-1248; Rev 1; 5/98
logo
PhaseLink Corporation
PLL600-27M PLL-PLL600-27M Datasheet
192Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
logo
Maxim Integrated Produc...
MAX2471EUT MAXIM-MAX2471EUT Datasheet
120Kb / 8P
   10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs
Rev 0; 2/99
MAX2470 MAXIM-MAX2470 Datasheet
115Kb / 8P
   10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs
19-4797; Rev 0; 2/99
logo
Abracon Corporation
ABX0027M ABRACON-ABX0027M Datasheet
54Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
logo
Intersil Corporation
HA7210 INTERSIL-HA7210_05 Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
HA7210 INTERSIL-HA7210 Datasheet
127Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
February 1999
logo
PhaseLink Corporation
PLL600-27T-37T PLL-PLL600-27T-37T Datasheet
196Kb / 4P
   Low Power 3 Outputs XO 10MHz to 52MHz
logo
Abracon Corporation
ABX0027T ABRACON-ABX0027T Datasheet
50Kb / 4P
   Low Power 3 Outputs XO 10MHz to 52MHz
03/21/05
logo
TAI-SAW TECHNOLOGY CO.,...
TW0471A TAI-SAW-TW0471A Datasheet
119Kb / 7P
   SMD 7.0x5.0 10MHz Crystal Oscillator
REV. NO: 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com