Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1239 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1239
Description  Backup Battery Management Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1239 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1239_02 Datasheet HTML 2Page - Linear Technology LT1239_02 Datasheet HTML 3Page - Linear Technology LT1239_02 Datasheet HTML 4Page - Linear Technology LT1239_02 Datasheet HTML 5Page - Linear Technology LT1239_02 Datasheet HTML 6Page - Linear Technology LT1239_02 Datasheet HTML 7Page - Linear Technology LT1239_02 Datasheet HTML 8Page - Linear Technology LT1239_02 Datasheet HTML 9Page - Linear Technology LT1239_02 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1239
PIN FUNCTIONS
ADJ (Pin 1): Adjust Pin of Regulator 1. The regulator will
servo the adjust pin to 3.75V referred to ground. Bias
current will be approximately 50nA and will flow into the
adjust pin.
GND (Pin 2): Ground Pin for Regulator 1. Note that the
three ground pins (pins 2, 4, 5) are connected together
internally and should all be grounded externally.
SHDN1 (Pin 3): Shutdown Pin for Regulator 1. Regulator
1 output will be on if the shutdown pin is either: 1) Left
floating (open circuit) or 2) pulled up to the 5V rail. If the
shutdown function is not used, the shutdown pin is nor-
mally left open circuit. Regulator 1 output will be off if the
shutdown pin is pulled to ground. The shutdown pin
current with the pin pulled to ground will be in the range of
2
µA flowing out of the pin. The shutdown pin current with
the pin pulled up to 5V will be zero.
GND (Pin 4): Ground. This ground pin is tied to the
substrate of the die, between regulator 1 and the rest of the
circuit. It is used as an isolation barrier between regulator
1 and the rest of the circuitry.
GND (Pin 5): Ground Pin for Regulator 2.
SHDN2 (Pin 6): Shutdown Pin for Regulator 2. Regulator
2 output will be on if the shutdown pin is either: 1) Left
floating (open circuit) or 2) pulled up to the 5V rail. If the
shutdown function is not used, the shutdown pin is nor-
mally left open circuit. Regulator 2 output will be off if the
shutdown pin is pulled to ground. The shutdown pin
current with the pin pulled to ground will be in the range of
2
µA flowing out of the pin. The shutdown pin current with
the pin pulled up to 5V will be zero.
E/A (IN) (Pin 7): Noninverting Input of the Error Amplifier.
This pin should be tied to the center tap point in the output
divider for regulator 1. The bias current for this pin will be
in the range of 3nA and it will flow out of the pin.
E/A (OUT) (Pin 8): Output of the Error Amplifier. This is
normally connected to the center tap of the backup cells.
NC (Pin 9): Not Connected.
INPUT 2 (Pin 10): Input Pin (VCC) for Regulator 2, the Error
Amplifier, and the Low-Battery Detection Circuit.
IMON 2 (Pin 11): Current Monitor Pin for Regulator 2. If the
current monitor function is not used, this pin should be
tied to the output pin of regulator 2.
OUT 2 (Pin 12): Output of Regulator 2. It is also the
inverting input and output of the comparator. If the main
5V system supply is up and running then the comparator
output will pull the output of regulator 2 up to 5V.
5VIN (Pin 13): Noninverting Input of the comparator and
the collector of the output driver. The collector of the
output driver is normally connected to the main 5V system
supply.
INPUT 1 (Pin 14): Input Pin (VCC) of Regulator 1.
IMON 1 (Pin 15): Current Monitor Pin for Regulator 1. The
current flowing out of this pin will be approximately 1/200
of the output current of regulator 1. If the current monitor
function is not used, this pin should be tied to the output
pin of regulator 1.
OUT 1 (Pin 16): Output of Regulator 1.
Regulator 1: Regulator 1 is used to supply the charging
current to the backup batteries. It converts the voltage on
the main battery to a fixed output voltage to charge the
backup cells. The output voltage is set with a voltage
divider connected between the output and ground with a
tap point of the divider connected to the adjust pin. The
regulator servos its output in order to maintain the adjust
pin at 3.75V referred to ground. The resistor divider
should be chosen such that the divider current is approxi-
mately 5
µA.Thismeanstheimpedancefromtheadjustpin
to ground should be approximately 750k
Ω. For safety
requirements a resistor can be placed between the output
pin and the top of the divider that sets the regulated output
voltage. The regulator will regulate the voltage at the top of
the divider. Quiescent current will be 10
µAto15µA.Output
short-circuit current will be approximately 70mA.
FUNCTIONAL DESCRIPTIO


Similar Part No. - LT1239_02

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1239CS LINER-LT1239CS Datasheet
246Kb / 12P
   Backup Battery Management Circuit
LT1239 LINER-LT1239_15 Datasheet
246Kb / 12P
   Backup Battery Management Circuit
More results

Similar Description - LT1239_02

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1239 LINER-LT1239 Datasheet
246Kb / 12P
   Backup Battery Management Circuit
LT1239 LINER-LT1239_15 Datasheet
246Kb / 12P
   Backup Battery Management Circuit
logo
ATMEL Corporation
ATA6871 ATMEL-ATA6871 Datasheet
811Kb / 23P
   Li-ion Battery Management Monitoring Emergency and Backup Circuit
logo
Maxim Integrated Produc...
DS2731 MAXIM-DS2731 Datasheet
214Kb / 20P
   Cache-Memory Battery-Backup Management IC
Rev 1; 1/09
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
   Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
   Battery Backup System
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com