Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3509 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3509
Description  Upstream CATV Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3509 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3509_05 Datasheet HTML 1Page - Maxim Integrated Products MAX3509_05 Datasheet HTML 2Page - Maxim Integrated Products MAX3509_05 Datasheet HTML 3Page - Maxim Integrated Products MAX3509_05 Datasheet HTML 4Page - Maxim Integrated Products MAX3509_05 Datasheet HTML 5Page - Maxim Integrated Products MAX3509_05 Datasheet HTML 6Page - Maxim Integrated Products MAX3509_05 Datasheet HTML 7Page - Maxim Integrated Products MAX3509_05 Datasheet HTML 8Page - Maxim Integrated Products MAX3509_05 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BW = 160kHz, AV = -20dB, TA = +85
°C
BW = 160kHz, AV = -20dB, TA = +25
°C
Upstream CATV Amplifier
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX3509 EV kit, VCC1 = VCC2 = 8.5V to 9.5V, TXEN = SHDN = high, D7 = 1, VINPUT = 34dBmV differential, output impedance =
75
Ω through a 1:1 transformer, TA = -40°C to +85°C, unless otherwise noted. Typical parameters are at TA = +25°C.) (Note 2.)
-38.5
fINPUT = 22MHz
-53
-48.5
-56
-53
dBc
HD3
3rd Harmonic Distortion
fINPUT = 65MHz
(Note 1)
-43
-40
VOUTPUT = +60dBmV
VOUTPUT = +66dBmV
VOUTPUT = 66dBmV
BW = 160kHz, AV = 32dB
fINPUT = 5MHz to 65MHz, TA = +25°C (Note 1)
fINPUT = 5MHz to 65MHz, single-ended,
TA = +25°C (Note 1)
CONDITIONS
dBc
-41
-39.5
-85
Transmit Mode Noise (Note 1)
1.2
ZINPUT
k
1.2
Input Impedance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
fINPUT = 33MHz
-56
-50
-56
-53
dBc
AV = 32dB, 65MHz (Note 1)
dBm
26
P1dB
Output 1dB Compression Point
AV = 32dB, VINPUT swept from 34dBmV to
38dBmV (Note 1)
degrees
1.7
AM/PM
AM to PM
HD2
2nd Harmonic Distortion
fINPUT = 65MHz
(Note 1)
-56
-50
ZOUTPUT
Output Impedance in Transmit
Mode
VOUTPUT = +60dBmV
VOUTPUT = +66dBmV
AV = 2dB or lower, TA = +25°C
AV = 32dB, TA = +25°C
mVP-P
1.5
9
25
100
TXEN Transient Step Size
(Note 1)
dBmV
TXEN = low, BW = 160kHz, AV = +32dB,
fINPUT = 5MHz to 65MHz (Note 1)
dBmV
-70
Transmit-Disable Mode Noise
Floor
TXEN rise time <0.1µs, TA = +25°C (Note 1)
µs
1.4
2
TXEN Enable Transient Duration
TXEN fall time <0.1µs, TA = +25°C (Note 1)
µs
1
1.5
TXEN Disable Transient Duration
AV = 32dB, VINPUT swept from 34dBmV to
38dBmV (Note 1)
dB
0.1
AM/AM
AM to AM
VOUTPUT = 66dBmV
TXEN = low, fINPUT = 5MHz to 65MHz,
TA = +25°C (Note 1)
170
ZOUTPUT
Output Impedance in
Transmit-Disable Mode
-53
dBc
IM3
Two-Tone Third-Order Distortion
Input tones at 65MHz and 65.2MHz,
VINPUT = 31dBmV/tone, AV = 32dB (Note 1)


Similar Part No. - MAX3509_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3509EUP MAXIM-MAX3509EUP Datasheet
216Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/00
MAX3509EVKIT MAXIM-MAX3509EVKIT Datasheet
395Kb / 8P
   Evaluation Kit
Rev 3; 4/00
MAX3509 MAXIM-MAX3509_1 Datasheet
395Kb / 8P
   Evaluation Kit
Rev 3; 4/00
More results

Similar Description - MAX3509_05

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S518324-44Z RFMD-S518324-44Z Datasheet
162Kb / 7P
   UPSTREAM CATV AMPLIFIER
logo
Maxim Integrated Produc...
MAX3509 MAXIM-MAX3509 Datasheet
216Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/00
MAX3510 MAXIM-MAX3510_07 Datasheet
151Kb / 12P
   Upstream CATV Amplifier
Rev 4; 5/07
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3510 MAXIM-MAX3510 Datasheet
138Kb / 12P
   Upstream CATV Amplifier
Rev 2; 8/99
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3532 MAXIM-MAX3532 Datasheet
84Kb / 8P
   Upstream CATV Driver Amplifier
Rev 1; 6/98
MAX3514 MAXIM-MAX3514 Datasheet
534Kb / 21P
   Upstream CATV Amplifiers
Rev 2; 9/01
MAX3507 MAXIM-MAX3507 Datasheet
356Kb / 12P
   Upstream CATV Amplifier with On-Chip Anti-Alias Filter
Rev 0; 7/01
logo
List of Unclassifed Man...
MT1550 ETC1-MT1550 Datasheet
131Kb / 2P
   UPSTREAM AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com