Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6507A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 6507A
Description  Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

6507A Datasheet(HTML) 1 Page - Microsemi Corporation

  6507A Datasheet HTML 1Page - Microsemi Corporation 6507A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Isolated Diode Array with
HiRel MQ, MX, MV, and SP Screening Options
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2007
3-27-2007
S C O T TS DALE DIVISION
6507A
DESCRIPTION
APPEARANCE
These low capacitance diode arrays with common anode are multiple, discrete, isolated
junctions fabricated by a planar process and mounted in a 10-PIN package for use as
steering diodes protecting up to eight I/O ports from ESD, EFT, or surge by directing
them to ground (see figure 1). This circuit application is further complimented by the
1N6506 (separate data sheet) that has a common cathode. An external TVS diode
may be added between the positive supply line and ground to prevent overvoltage on
the supply rail. They may also be used in fast switching core-driver applications. This
includes computers and peripheral equipment such as magnetic cores, thin-film
memories, plated-wire memories, etc., as well as decoding or encoding applications.
These arrays offer many advantages of integrated circuits such as high-density
packaging and improved reliability. This is a result of fewer pick and place operations,
smaller footprint, smaller weight, and elimination of various discrete packages that may
not be as user friendly in PC board mounting.
14-PIN Ceramic DIP
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Hermetic Ceramic Package
Isolated Diodes to Eliminate Cross-Talk Voltages
High Breakdown Voltage VBR > 60 V at 10 μA
Low Leakage IR< 100nA at 40 V
Low Capacitance C < 8.0 pF
Options for screening in accordance with MIL-PRF-
19500/474 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or SP prefixes
respectively to part numbers. For example, designate
MX6507A for a JANTX screen.
High Frequency Data Lines
RS-232 & RS-422 Interface Networks
Ethernet: 10 Base T
Computer I/O Ports
LAN
Switching Core Drivers
IEC 61000-4 Compatible (see circuit in figure 1)
61000-4-2 ESD: Air 15 kV, contact 8 kW
61000-4-4 (EFT): 40 A – 5/50 ns
61000-4-5 (surge): 12 A 8/20
μs
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
VBR Reverse Breakdown Voltage 60 V min (Notes 1 & 2)
IO Continuous Forward Current of 300 mA (Notes 1 & 3)
IFSM Forward Surge Current (tp=1/120 s) 500 mA (Note 1)
400 mW Power Dissipation per Junction @ 25
oC
600 mW Power Dissipation per Package @ 25
oC (Note 4)
Operating Junction Temperature range –65 to +150
oC
Storage Temperature range of –65 to +200
oC
14-PIN Ceramic DIP
Weight 2.05 grams (approximate)
Marking: Logo, part number, date code
Pin #1 to the left of the indent on top of package
Carrier Tubes; 25 pcs (standard)
NOTE 1: Each Diode
NOTE 2: Pulsed: PW = 100 ms max; duty cycle <20%
NOTE 3: Derate at 2.4 mA/
oC above +25oC
NOTE 4: Derate at 4.0 mW/
oC above +25oC
MAXIMUM
FORWARD
VOLTAGE
VF1
IF = 100 mA
(Note 1)
MAXIMUM
REVERSE
CURRENT
IR1
VR = 40 V
MAXIMUM
CAPACITANCE
(PIN TO PIN)
Ct
VR = 0 V
F = 1 MHz
MAXIMUM
FORWARD
RECOVERY TIME
tfr
IF = 500 mA
MAXIMUM
REVERSE
RECOVERY TIME
trr
IF = IR = 200 mA
irr = 20 mA
RL = 100 ohms
PART
NUMBER
V
μA
pF
ns
ns
6507A
1
0.1
8.0
40
20
NOTE 1: Pulsed: PW = 300 us +/- 50 µs, duty cycle <2%, 90 µs after leading edge.


Similar Part No. - 6507A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6507 POMONA-6507 Datasheet
27Kb / 1P
   Standard Weco Cable Assembly
logo
Dialight Corporation
65071R DIALIGHT-65071R Datasheet
80Kb / 1P
   2' x 6' Oval LED Stop/Tail/Turn Lamps
More results

Similar Description - 6507A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
6509A MICROSEMI-6509A Datasheet
65Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
5768A MICROSEMI-5768A Datasheet
64Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
5774A MICROSEMI-5774A Datasheet
65Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6101A MICROSEMI-6101A Datasheet
66Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6506A MICROSEMI-6506A Datasheet
65Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6510A MICROSEMI-6510A Datasheet
67Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6511A MICROSEMI-6511A Datasheet
65Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
5772A MICROSEMI-5772A Datasheet
63Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6508A MICROSEMI-6508A Datasheet
65Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
5770A MICROSEMI-5770A Datasheet
64Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6100A MICROSEMI-6100A Datasheet
66Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com