Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1388T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA1388T
Description  Bitstream continuous calibration filter-DAC for CD-ROM audio applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1388T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA1388T Datasheet HTML 5Page - NXP Semiconductors TDA1388T Datasheet HTML 6Page - NXP Semiconductors TDA1388T Datasheet HTML 7Page - NXP Semiconductors TDA1388T Datasheet HTML 8Page - NXP Semiconductors TDA1388T Datasheet HTML 9Page - NXP Semiconductors TDA1388T Datasheet HTML 10Page - NXP Semiconductors TDA1388T Datasheet HTML 11Page - NXP Semiconductors TDA1388T Datasheet HTML 12Page - NXP Semiconductors TDA1388T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1996 Jul 17
9
Philips Semiconductors
Objective specification
Bitstream continuous calibration filter-DAC
for CD-ROM audio applications
TDA1388
VOLUME_R: a 6-bit value to program the right channel volume attenuation (VR5 to VR0). The range is 0 dB to
−∞ dB in
steps of 1 dB.
Table 11 Volume right settings
VOLUME_L: a 6-bit value to program the left channel volume attenuation (VL5 to VL0). The range is 0 dB to
−∞ dB in
steps of 1 dB.
Table 12 Volume left settings
VR5
VR4
VR3
VR2
VR1
VR0
VOLUME (dB)
000000
0
000001
0
000010
−1
000011
−2
...
...
...
...
...
...
...
111000
−55
111001
−∞
111010
−∞
111011
−∞
111100
−∞
111101
−∞
111110
−∞
111111
−∞
VR5
VR4
VR3
VR2
VR1
VR0
VOLUME (dB)
000000
0
000001
0
000010
−1
000011
−2
...
...
...
...
...
...
...
111000
−55
111001
−∞
111010
−∞
111011
−∞
111100
−∞
111101
−∞
111110
−∞
111111
−∞


Similar Part No. - TDA1388T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1388TZ PHILIPS-TDA1388TZ Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
More results

Similar Description - TDA1388T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com