Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1516B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1516B
Description  24 W BTL or 2 x 12 watt stereo car radio power amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1516B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1516B Datasheet HTML 3Page - NXP Semiconductors TDA1516B Datasheet HTML 4Page - NXP Semiconductors TDA1516B Datasheet HTML 5Page - NXP Semiconductors TDA1516B Datasheet HTML 6Page - NXP Semiconductors TDA1516B Datasheet HTML 7Page - NXP Semiconductors TDA1516B Datasheet HTML 8Page - NXP Semiconductors TDA1516B Datasheet HTML 9Page - NXP Semiconductors TDA1516B Datasheet HTML 10Page - NXP Semiconductors TDA1516B Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
July 1994
7
Philips Semiconductors
Product specification
24 W BTL or 2 x 12 watt stereo car radio
power amplifier
TDA1516BQ
A.C. CHARACTERISTICS
VP = 14,4 V; RL = 4 Ω; f = 1 kHz; Tamb = 25 °C; unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Stereo application
note 1
Output power
note 4;
THD = 0,5%
Po
45
W
THD = 10%
Po
5,5
6,0
W
notes 4 and 5;
THD = 10%
Po
67
W
Output power at
note 4;
RL = 2 Ω
THD = 0,5%
Po
7.5
8,5
W
THD = 10%
Po
10
11
W
notes 4 and 5;
THD = 10%
Po
10,5
12,0
W
Low frequency roll-off
note 6;
−3 dB
fL
45
Hz
High frequency roll-off
−1 dB
fH
20
−−
kHz
Closed loop voltage gain
Gv
19
20
21
dB
Supply voltage ripple
rejection:
note 7
ON
RR
48
−−
dB
mute
RR
48
−−
dB
stand-by
RR
80
−−
dB
Input impedance
|ZI|50
60
75
k
Noise output voltage:
note 8;
ON
RS = 0 Ω
Vno(rms)
50
−µV
ON
RS = 10 kΩ
Vno(rms)
70
100
µV
mute
note 9
Vno(rms)
50
−µV
Channel separation
RS = 10 kΩα
40
−−
dB
Channel balance
Gv
−−
1dB


Similar Part No. - TDA1516B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
logo
American Microsemicondu...
TDA1516Q AMMSEMI-TDA1516Q Datasheet
11Kb / 1P
   Dual-Channel Audio Power/Output Amplifier
More results

Similar Description - TDA1516B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com