Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1040-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1040-Q1
Description  EMC OPTIMIZED CAN TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1040-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD1040-Q1 Datasheet HTML 6Page - Texas Instruments SN65HVD1040-Q1 Datasheet HTML 7Page - Texas Instruments SN65HVD1040-Q1 Datasheet HTML 8Page - Texas Instruments SN65HVD1040-Q1 Datasheet HTML 9Page - Texas Instruments SN65HVD1040-Q1 Datasheet HTML 10Page - Texas Instruments SN65HVD1040-Q1 Datasheet HTML 11Page - Texas Instruments SN65HVD1040-Q1 Datasheet HTML 12Page - Texas Instruments SN65HVD1040-Q1 Datasheet HTML 13Page - Texas Instruments SN65HVD1040-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.ti.com
STB
CANH
VI
TXD
(See Note A)
RL = 60 W
±1%
CL
(See Note B)
VOD
tdom
VI
900 mV
VOD
500 mV
VCC
0 V
VOD(D)
0 V
TXD
CANH
CANL
STB
Vin
Vin
0 V
0 V
12 V
-12 V
or
0 V
0 V or V CC
VIN
IOS
-12 V or 12 V
| IOS(SS) |
| IOS(P) |
200 µs
10 µs
V
(see Note A)
I
1.5 V
CANL
CANH
V
CC
STB
RXD
I
O
C
(see Note B)
L
V
O
V
OL
V
OH
1.5 V
3.5 V
400 mV
t
BUS
0.7 µs
2.65 V
V
I
V
O
SN65HVD1040-Q1
SLLS753 – FEBRUARY 2007
A.
All VI input pulses are from 0 V to VCC and supplied by a generator having the following characteristics: tr or tf ≤ 6 ns.
Pulse Repetition Rate (PRR) = 500 Hz, 50% duty cycle.
B.
CL = 100 pF includes instrumentation and fixture capacitance within ±20%.
Figure 10. Dominant Time-Out Test Circuit and Waveforms
Figure 11. Driver Short-Circuit Current Test and Waveform
A.
For VI bit width ≤ 0.7 µs, VO = VOH. For VI bit width ≥ 5 µs, VO = VOL. VI input pulses are supplied from a generator
with the following characteristics: tr/tf < 6 ns.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 12. tBUS Test Circuit and Waveform
10
Submit Documentation Feedback


Similar Part No. - SN65HVD1040-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040-Q1 TI1-SN65HVD1040-Q1 Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
More results

Similar Description - SN65HVD1040-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1050-EP TI1-SN65HVD1050-EP Datasheet
717Kb / 21P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050 Datasheet
871Kb / 19P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050_08 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1_101 TI-SN65HVD1040A-Q1_101 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1_10 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com