Electronic Components Datasheet Search |
|
SN65HVD1050QDRQ1 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN65HVD1050QDRQ1 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 17 page www.ti.com RECEIVER SWITCHING CHARACTERISTICS S-PIN CHARACTERISTICS VREF-PIN CHARACTERISTICS THERMAL CHARACTERISTICS SN65HVD1050-Q1 SLLS696A – MAY 2006 – REVISED JUNE 2006 RECEIVER ELECTRICAL CHARACTERISTICS (continued) over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT Input resistance matching RI(m) V(CANH) = V(CANL) –3% 0% 3% [1 – (RIN (CANH) / RIN (CANL))] x 100% over recommended operating conditiions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT tPLH Propagation delay time, low-to-high-level output 60 100 130 ns tPHL Propagation delay time, high-to-low-level output 45 70 130 ns S at 0 V or VCC, See Figure 6 tr Output signal rise time 8 ns tf Output signal fall time 8 ns over recommended operating conditiions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT IIH High level input current S at 2 V 20 40 70 µA IIL Low level input current S at 0.8 V 5 20 30 over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VO Reference output voltage –50 µA < I O < 50 µA 0.4 VCC 0.5 VCC 0.6 VCC V over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Low-K thermal resistance(1) 211 θ JA Junction-to-air thermal resistance High-K thermal resistance 131 °C/W θ JB Junction-to-board thermal resistance 53 θ JC Junction-to-case thermal resistance 79 VCC = 5 V, Tj = 27°C, RL = 60 Ω, S at 0 V, Input to TXD at 500 kHz, 50% duty cycle square wave. CL at RXD = 112 mW 15 pF PD Average power dissipation VCC = 5.5 V, Tj = 130°C, RL = 45 Ω, S at 0 V, Input to TXD at 500 kHz, 50% duty cycle square wave. CL at 170 RXD = 15 pF Thermal shutdown temperature 190 °C (1) Tested in accordance with the Low-K or High-K thermal metric definitions of EIA/JESD51-3 for leaded surface-mount packages. 5 Submit Documentation Feedback |
Similar Part No. - SN65HVD1050QDRQ1 |
|
Similar Description - SN65HVD1050QDRQ1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |