Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1050QDRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1050QDRQ1
Description  EMC OPTIMIZED CAN TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1050QDRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD1050QDRQ1 Datasheet HTML 6Page - Texas Instruments SN65HVD1050QDRQ1 Datasheet HTML 7Page - Texas Instruments SN65HVD1050QDRQ1 Datasheet HTML 8Page - Texas Instruments SN65HVD1050QDRQ1 Datasheet HTML 9Page - Texas Instruments SN65HVD1050QDRQ1 Datasheet HTML 10Page - Texas Instruments SN65HVD1050QDRQ1 Datasheet HTML 11Page - Texas Instruments SN65HVD1050QDRQ1 Datasheet HTML 12Page - Texas Instruments SN65HVD1050QDRQ1 Datasheet HTML 13Page - Texas Instruments SN65HVD1050QDRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ti.com
DEVICE INFORMATION
SN65HVD1050-Q1
SLLS696A – MAY 2006 – REVISED JUNE 2006
Table 2. Parametric Cross Reference With the TJA1050
TJA1050(1)
PARAMETER
HVD1050
TRANSMITTER SECTION
VIH
High-level input voltage
Recommended VIH
VIL
Low-level input voltage
Recommended VIL
IIH
High-level input current
Driver IIH
IIL
Low-level input current
Driver IIL
BUS SECTION
ILI
Power-off bus input current
Receiver II(off)
IO(SC)
Short-circuit output current
Driver IOS(SS)
VO(dom)
Dominant output voltage
Driver VO(D)
Vi(dif)(th)
Differential input voltage
Receiver VIT and recommended VID
Vi(dif)(hys)
Diffrential input hysteresis
Receiver Vhys
VO(reces)
Recessive output voltage
Driver VO(R)
VO(dif)(bus)
Differential bus voltage
Driver VOD(D) and VOD(R)
Ri(cm)
CANH, CANL input resistance
Receiver RIN
Ri(dif)
Differential input resistance
Receiver RID
Ri(cm)(m)
Input resistance matching
Receiver RI (m)
Ci
Input capacitance to ground
Receiver CI
Ci(dif)
Differential input capacitance
Receiver CID
RECEIVER SECTION
IOH
High-level output current
Recommended IOH
IOL
Low-level output current
Recommended IOL
Vref PIN SECTION
Vref
Reference output voltage
VO
TIMING SECTION
td(TXD-BUSon)
Delay TXD to bus active
Driver tPLH
td(TXD-BUSoff)
Delay TXD to bus inactive
Driver tPHL
td(BUSon-RXD)
Delay bus active to RXD
Receiver tPHL
td(BUSoff-RXD)
Delay bus inactive to RXD
Receiver tPLH
td(TXD-BUSon) + td(BUSon-RXD)
Device tLOOP1
td(TXD-BUSoff) + td(BUSoff-RXD)
Device tLOOP2
tdom(TXD)
Dominant time out
Driver t(dom)
S PIN SECTION
VIH
High-level input voltage
Recommended VIH
VIL
Low-level input voltage
Recommended VIL
IIH
High-level input current
IIH
IIL
Low-level input current
IIL
(1)
From TJA1050 Product Specification, Philips Semiconductors, 2002 May 16.
10
Submit Documentation Feedback


Similar Part No. - SN65HVD1050QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1050 TI-SN65HVD1050 Datasheet
871Kb / 19P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-EP TI1-SN65HVD1050-EP Datasheet
717Kb / 21P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050A-Q1 TI-SN65HVD1050A-Q1 Datasheet
591Kb / 18P
[Old version datasheet]   SN65HVD1050AQDRQ1
SN65HVD1050AQDRQ1 TI-SN65HVD1050AQDRQ1 Datasheet
591Kb / 18P
[Old version datasheet]   SN65HVD1050AQDRQ1
More results

Similar Description - SN65HVD1050QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1050-EP TI1-SN65HVD1050-EP Datasheet
717Kb / 21P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050 Datasheet
871Kb / 19P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050_08 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1_101 TI-SN65HVD1040A-Q1_101 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1_10 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com