Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDM176 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM176
Description  HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM176 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDM176 Datasheet HTML 1Page - Texas Instruments SN65LVDM176 Datasheet HTML 2Page - Texas Instruments SN65LVDM176 Datasheet HTML 3Page - Texas Instruments SN65LVDM176 Datasheet HTML 4Page - Texas Instruments SN65LVDM176 Datasheet HTML 5Page - Texas Instruments SN65LVDM176 Datasheet HTML 6Page - Texas Instruments SN65LVDM176 Datasheet HTML 7Page - Texas Instruments SN65LVDM176 Datasheet HTML 8Page - Texas Instruments SN65LVDM176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
SN65LVDM176D (Marked as DM176 or LVM176)
SN65LVDM176DGK (Marked as M76)
(TOP VIEW)
logic diagram (positive logic)
B
7
A
6
1
R
2
RE
3
DE
4
D
DESCRIPTION
SN65LVDM176
SLLS320D – DECEMBER 1998 – REVISED JULY 2000
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
Low-Voltage Differential Driver and Receiver
for Half-Duplex Operation
Designed for Signaling Rates of 400 Mbit/s
ESD Protection Exceeds 15 kV on Bus Pins
Operates From a Single 3.3-V Supply
Low-Voltage Differential Signaling With
Typical Output Voltages of 350 mV and a
50-
Ω Load
Valid Output With as Little as 50 mV Input
Voltage Difference
Propagation Delay Times
– Driver: 1.7 ns Typ
– Receiver: 3.7 ns Typ
Power Dissipation at 200 MHz
– Driver: 50 mW Typical
– Receiver: 60 mW Typical
LVTTL Levels Are 5-V Tolerant
Bus Pins Are High Impedance When Disabled
or With VCC Less Than 1.5 V
Open-Circuit Fail-Safe Receiver
Surface-Mount Packaging
– D Package (SOIC)
– DGK Package (MSOP)
The SN65LVDM176 is a differential line driver and receiver configured as a transceiver that uses low-voltage
differential signaling (LVDS) to achieve signaling rates as high as 400 Mbit/s. These circuits are similar to
TIA/EIA-644 standard compliant devices (SN65LVDS) counterparts except that the output current of the drivers is
doubled. This modification provides a minimum differential output voltage magnitude of 247 mV into a 50-
Ω load
and allows double-terminated lines and half-duplex operation. The receivers detect a voltage difference of less
than 50 mV with up to 1 V of ground potential difference between a transmitter and receiver.
The intended application of this device and signaling technique is for half-duplex or multiplex baseband data
transmission over controlled impedance media of approximately 100-
Ω characteristic impedance. The
transmission media may be printed-circuit board traces, backplanes, or cables. (Note: The ultimate rate and
distance of data transfer is dependent upon the attenuation characteristics of the media, the noise coupling to the
environment, and other application specific characteristics).
The SN65LVDM176 is characterized for operation from –40°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2000, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVDM176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM176 TI-SN65LVDM176 Datasheet
265Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176 TI-SN65LVDM176 Datasheet
211Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176D TI-SN65LVDM176D Datasheet
265Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176DGK TI-SN65LVDM176DGK Datasheet
265Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176 TI-SN65LVDM176_08 Datasheet
211Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
More results

Similar Description - SN65LVDM176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM176 TI-SN65LVDM176 Datasheet
265Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176 TI-SN65LVDM176_08 Datasheet
211Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com