Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F373N3 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74F373N3
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F373N3 Datasheet(HTML) 3 Page - Texas Instruments

  SN74F373N3 Datasheet HTML 1Page - Texas Instruments SN74F373N3 Datasheet HTML 2Page - Texas Instruments SN74F373N3 Datasheet HTML 3Page - Texas Instruments SN74F373N3 Datasheet HTML 4Page - Texas Instruments SN74F373N3 Datasheet HTML 5Page - Texas Instruments SN74F373N3 Datasheet HTML 6Page - Texas Instruments SN74F373N3 Datasheet HTML 7Page - Texas Instruments SN74F373N3 Datasheet HTML 8Page - Texas Instruments SN74F373N3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN54F373, SN74F373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SDFS076A – D2932, MARCH 1987 – REVISED OCTOBER 1993
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54F373
SN74F373
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VCC =4 5V
IOH = – 1 mA
2.5
3.4
2.5
3.4
VOH
VCC = 4.5 V
IOH = – 3 mA
2.4
3.3
2.4
3.3
V
VCC = 4.75 V,
IOH = – 1 mA to – 3 mA
2.7
VOL
VCC =4 5V
IOL = 20 mA
0.3
0.5
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
50
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
–50
–50
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 0.6
– 0.6
mA
IOS‡
VCC = 5.5 V,
VO = 0
–60
–150
–60
–150
mA
ICCZ
VCC = 5.5 V,
See Note 2
38
55
38
55
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTE 2: ICCZ is measured with OE at 4.5 V and all other inputs grounded.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
SN54F373
SN74F373
UNIT
′F373
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LE high
6
6
6
ns
tsu
Setup time, data before LE
2
2
2
ns
th
Hold time, data after LE
3
3
3
ns
switching characteristics (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
(INPUT)
(OUTPUT)
′F373
SN54F373
SN74F373
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
D
Q
2.2
4.9
7
2.2
8.5
2.2
8
ns
tPHL
D
Q
1.2
3.3
5
1.2
7
1.2
6
ns
tPLH
LE
Q
4.2
8.6
11.5
4.2
15
4.2
13
ns
tPHL
LE
Q
2.2
4.8
7
2.2
8.5
2.2
8
ns
tPZH
OE
Q
1.2
4.6
11
1.2
13.5
1.2
12
ns
tPZL
OE
Q
1.2
5.2
7.5
1.2
10
1.2
8.5
ns
tPHZ
OE
Q
1.2
4.1
6.5
1.2
10
1.2
7.5
ns
tPLZ
OE
Q
1.2
3.4
6
1.2
7
1.2
6
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 3: Load circuits and waveforms are shown in Section 1.


Similar Part No. - SN74F373N3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F373N3 TI1-SN74F373N3 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
More results

Similar Description - SN74F373N3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com