Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDM176DGKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM176DGKR
Description  HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM176DGKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDM176DGKR Datasheet HTML 2Page - Texas Instruments SN65LVDM176DGKR Datasheet HTML 3Page - Texas Instruments SN65LVDM176DGKR Datasheet HTML 4Page - Texas Instruments SN65LVDM176DGKR Datasheet HTML 5Page - Texas Instruments SN65LVDM176DGKR Datasheet HTML 6Page - Texas Instruments SN65LVDM176DGKR Datasheet HTML 7Page - Texas Instruments SN65LVDM176DGKR Datasheet HTML 8Page - Texas Instruments SN65LVDM176DGKR Datasheet HTML 9Page - Texas Instruments SN65LVDM176DGKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
DRIVER SWITCHING CHARACTERISTICS
RECEIVER SWITCHING CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
DRIVER
VOD
VOB
VOA
VOC
VI
IOA
IOB
II
D
B
A
V
OA )
V
OB
2
Driver Enabled
SN65LVDM176
SLLS320D – DECEMBER 1998 – REVISED JULY 2000
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
0.5
1.7
2.7
ns
tPHL
Propagation delay time, high-to-low-level output
0.5
1.7
2.7
RL = 50 Ω, CL = 10 pF,
tsk(p)
Pulse skew (|tpHL– tpLH|)
0.2
ns
See Figure 3
tr
Differential output signal rise time
0.6
1
ns
tf
Differential output signal fall time
0.6
1
tsk(pp)(2)
Part-to-part skew
1
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
8
12
tPZL
Propagation delay time, high-impedance-to-low-level output
7
10
See Figure 5
ns
tPHZ
Propagation delay time, high-level-to-high-impedance output
3
10
tPLZ
Propagation delay time, low-level-to-high-impedance output
4
10
(1)
All typical values are at 25°C and with a 3.3 V supply.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
over recommended operating conditions (unless otherwise noted)
TYP(
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
1)
tPLH
Propagation delay time, low-to-high-level output
2.3
3.7
4.5
tPHL
Propagation delay time, high-to-low-level output
2.3
3.7
4.5
ns
tsk(p)
Pulse skew (|tpHL– tpLH|)
CL = 10 pF, See Figure 7
0.4
tr
Output signal rise time
0.8
1.5
ns
tf
Output signal fall time
0.8
1.5
tsk(pp)(2)
Part-to-part skew
1
ns
tPZH
Propagation delay time, high-level-to-high-impedance output
3
10
tPZL
Propagation delay time, low-level-to-low-impedance output
3
10
See Figure 8
ns
tPHZ
Propagation delay time, high-impedance-to-high-level output
4
10
tPLZ
Propagation delay time, low-impedance-to-high-level output
6
10
(1)
All typical values are at 25°C and with a 3.3-V supply.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
Figure 2. Driver Voltage and Current Definitions
6
Submit Documentation Feedback


Similar Part No. - SN65LVDM176DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM176DGK TI-SN65LVDM176DGK Datasheet
265Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
More results

Similar Description - SN65LVDM176DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM176 TI-SN65LVDM176 Datasheet
265Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176 TI-SN65LVDM176_08 Datasheet
211Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com