Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC170DWG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65LBC170DWG4
Description  TRIPLE DIFFERENTIAL TRANSCEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC170DWG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN65LBC170DWG4 Datasheet HTML 1Page - Texas Instruments SN65LBC170DWG4 Datasheet HTML 2Page - Texas Instruments SN65LBC170DWG4 Datasheet HTML 3Page - Texas Instruments SN65LBC170DWG4 Datasheet HTML 4Page - Texas Instruments SN65LBC170DWG4 Datasheet HTML 5Page - Texas Instruments SN65LBC170DWG4 Datasheet HTML 6Page - Texas Instruments SN65LBC170DWG4 Datasheet HTML 7Page - Texas Instruments SN65LBC170DWG4 Datasheet HTML 8Page - Texas Instruments SN65LBC170DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SN65LBC170, SN75LBC170
TRIPLE DIFFERENTIAL TRANSCEIVERS
SLLS459C − NOVEMBER 2000 − REVISED MARCH 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The driver’s active-high enable and the receiver’s active-low enable are tied together internally and provide a
direction input for each driver/receiver pair.
The SN75LBC170 is characterized for operation over the temperature range of 0
°C to 70°C. The SN65LBC170
is characterized for operation over the temperature range of −40
°C to 85°C.
AVAILABLE OPTIONS†
PACKAGE
TA
PLASTIC SHRINK SMALL-OUTLINE
(JEDEC MO-150)
PLASTIC SMALL-OUTLINE
(JEDEC MS-013)
0
°C to 70°C
SN75LBC170DB
SN75LBC170DW
−40
°C to 85°C
SN65LBC170DB
SN65LBC170DW
† Add R suffix for taped and reel
† For the most current package and ordering information, see the Package Option Addendum at the end of this document,
or see the TI web site at www.ti.com.
INPUT
D
OUTPUTS
H
L
OPEN
X
X
EACH DRIVER
A
H
L
L
Z
X
L
H
H
Z
X
B
ENABLE
DIFFERENTIAL INPUT
(VA−VB)
OUTPUT
D
ENABLE
DIR
VID ≥ 0.2 V
L
H
− 0.2 V < VID < 0.2 V
L
?
VID ≤ −0.2 V
L
L
XH
Z
EACH RECEIVER
Function Tables
DIR
H
H
H
L
OPEN
OPEN
LH
H = high level, L = low level, X = irrelevant, Z = high impedance (off), ? = indeterminate
equivalent input and output schematic diagrams
VCC
VCC
DIR INPUTS
1 k
8 V
Input
100 k
D I/O
VCC
VCC
A INPUT
16 V
16 V
100 k
18 k
4 k
4 k
Input
VCC
B INPUT
16 V
16 V
100 k
18 k
4 k
4 k
Input
16 V
16 V
18 k
4 k
4 k
VCC
Output
A AND B OUTPUT
40
8 V
100 k


Similar Part No. - SN65LBC170DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC170DWG4 TI-SN65LBC170DWG4 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results

Similar Description - SN65LBC170DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI1-SN65LBC171_09 Datasheet
471Kb / 20P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170 Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN75ALS171 TI-SN75ALS171 Datasheet
296Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171 TI-SN75ALS171_07 Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com