Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1519A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1519A
Description  22 W BTL or 2 x 11 W stereo car radio power amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1519A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1519A Datasheet HTML 4Page - NXP Semiconductors TDA1519A Datasheet HTML 5Page - NXP Semiconductors TDA1519A Datasheet HTML 6Page - NXP Semiconductors TDA1519A Datasheet HTML 7Page - NXP Semiconductors TDA1519A Datasheet HTML 8Page - NXP Semiconductors TDA1519A Datasheet HTML 9Page - NXP Semiconductors TDA1519A Datasheet HTML 10Page - NXP Semiconductors TDA1519A Datasheet HTML 11Page - NXP Semiconductors TDA1519A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
May 1992
8
Philips Semiconductors
Product specification
22 W BTL or 2 x 11 W stereo car radio
power amplifier
TDA1519A
AC CHARACTERISTICS
VP = 14.4 V; RL = 4 Ω; f = 1 kHz; Tamb = 25 °C; measurements taken using Fig.4; unless otherwise specified
Notes to the characteristics
1. The circuit is DC adjusted at VP = 6 V to 17.5 V and AC operating at VP = 8.5 V to 17.5 V.
2. At 17.5 V
< V
P < 30 V the DC output voltage ≤ VP/2.
3. Output power is measured directly at the output pins of the IC.
4. Frequency response externally fixed.
5. Ripple rejection measured at the output with a source impedance of 0
Ω (maximum ripple amplitude of 2 V).
6. Frequency f
= 100 Hz.
7. Frequency between 1 kHz and 10 kHz.
8. Frequency between 100 Hz and 10 kHz.
9. Noise voltage measured in a bandwidth of 20 Hz to 20 kHz.
10. Noise output voltage independent of RS (VI = 0 V).
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
BTL application
Output power
note 3
THD = 0.5%
Po
15
17
W
THD = 10%
Po
20
22
W
Output power at VP = 13.2 V
note 3
THD = 0.5%
Po
13
W
THD = 10%
Po
17.5
-
W
Total harmonic distortion
Po = 1 W
THD
-
0.1
%
Power bandwidth
THD = 0.5%;
Po = −1 dB;
35 to
w.r.t. 15 W
Bw
15 000
Hz
Low frequency roll-off
note 4
−1 dB
fL
45
Hz
High frequency roll-off
−1 dB
fH
20
−−
kHz
Closed loop voltage gain
Gv
45
46
47
dB
Supply voltage ripple rejection
ON
notes 5 and 6
RR
34
−−
dB
ON
notes 5 and 7
RR
48
−−
dB
mute
notes 5 and 8
RR
48
−−
dB
stand-by
notes 5 and 8
RR
80
-dB
Input impedance
|Zi|
253038k
Noise output voltage
(RMS value)
note 9
ON
RS = 0 Ω
Vno(rms)
200
−µV
ON
RS = 10 kΩ
Vno(rms)
350
700
µV
mute
note 10
Vno(rms)
180
−µV


Similar Part No. - TDA1519A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
   2 x 6 W stereo car radio power amplifier
May 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1519C PHILIPS-TDA1519C Datasheet
113Kb / 20P
   22WBTL or 2 x 11Wstereo power amplifier
2000 Mar 08
TDA1519C NXP-TDA1519C Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
logo
Unisonic Technologies
TDA1519CG-H09-B-T UTC-TDA1519CG-H09-B-T Datasheet
386Kb / 8P
   No switch-on/switch-off pops
More results

Similar Description - TDA1519A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com