Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1521A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA1521A
Description  2 x 6 W hi-fi audio power amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1521A Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1521A Datasheet HTML 1Page - NXP Semiconductors TDA1521A Datasheet HTML 2Page - NXP Semiconductors TDA1521A Datasheet HTML 3Page - NXP Semiconductors TDA1521A Datasheet HTML 4Page - NXP Semiconductors TDA1521A Datasheet HTML 5Page - NXP Semiconductors TDA1521A Datasheet HTML 6Page - NXP Semiconductors TDA1521A Datasheet HTML 7Page - NXP Semiconductors TDA1521A Datasheet HTML 8Page - NXP Semiconductors TDA1521A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
July 1994
4
Philips Semiconductors
Product specification
2 x 6 W hi-fi audio power amplifier
TDA1521A
PINNING
FUNCTIONAL DESCRIPTION
This hi-fi stereo power amplifier is designed for mains fed applications. The circuit is designed for both symmetrical and
asymmetrical power supply systems. An output power of 2
× 6 watts (THD = 0,5%) can be delivered into an 8 Ω load with
a symmetrical power supply of
± 12 V.
The gain is fixed internally at 30 dB. Internal gain fixing gives low gain spread and very good balance between the
amplifiers (0,2 dB).
A special feature of this device is a mute circuit which suppresses unwanted input signals during switching on and off.
Referring to Fig.12, the 100
µF capacitor creates a time delay when the voltage at pin 3 is lower than an internally fixed
reference voltage. During the delay the amplifiers remain in their DC operating mode but are isolated from the
non-inverting inputs on pins 1 and 9.
Two thermal protection circuits are provided, one monitors the average junction temperature and the other the
instantaneous temperature of the power transistors. Both protection circuits activate at 150
°C allowing safe operation to
a maximum junction temperature of 150
°C without added distortion.
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Note
1. For asymmetrical power supplies (at short circuiting of the load) the maximum supply voltage is limited to VP = 28 V.
1
−INV1
non-inverting input 1
5
−V
P
negative supply (symmetrical)
2
INV1
inverting input 1
ground (asymmetrical)
3
GND
ground (symmetrical)
6
OUT2
output 2
1
2 VP (asymmetrical)
7
+ VP
positive supply
4
OUT1
output 1
8
INV2
inverting input 2
9
−INV2
non-inverting input 2
PARAMETER
CONDITIONS
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
pin 7
VP = V7-3
+21
V
pin 5
−VP = V5-3
−−21
V
Non-repetitive peak
output current
pins 4 and 6
IOSM
4A
Total power dissipation
see Fig.2
Ptot
Storage temperature range
Tstg
−55
+ 150
°C
Junction temperature
Tj
150
°C
Short-circuit time:
see note 1
outputs short-circuited
to ground
symmetrical
(full signal drive)
power supply
tsc
1
hour
asymmetrical
power supply
tsc
1
hour


Similar Part No. - TDA1521A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521Q PHILIPS-TDA1521Q Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
More results

Similar Description - TDA1521A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
   6 W hi-fi audio power amplifier
July 1994
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
   6 W hi-fi audio power amplifier
July 1994
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
   32 W hi-fi audio power amplifier
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
   14 W hi-fi audio amplifier
logo
Unisonic Technologies
PA2616 UTC-PA2616 Datasheet
183Kb / 8P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
PA2616 UTC-PA2616_15 Datasheet
178Kb / 8P
   2 x 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
KODENSHI_AUK CORP.
KKA2616 KODENSHI-KKA2616 Datasheet
113Kb / 3P
   2 x 12 W Hi-Fi Audio Power Amplifiers with Mute
logo
Integral Corp.
ILA2616 INTEGRAL-ILA2616 Datasheet
119Kb / 3P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com