Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1521A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1521A
Description  2 x 6 W hi-fi audio power amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1521A Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1521A Datasheet HTML 1Page - NXP Semiconductors TDA1521A Datasheet HTML 2Page - NXP Semiconductors TDA1521A Datasheet HTML 3Page - NXP Semiconductors TDA1521A Datasheet HTML 4Page - NXP Semiconductors TDA1521A Datasheet HTML 5Page - NXP Semiconductors TDA1521A Datasheet HTML 6Page - NXP Semiconductors TDA1521A Datasheet HTML 7Page - NXP Semiconductors TDA1521A Datasheet HTML 8Page - NXP Semiconductors TDA1521A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
July 1994
2
Philips Semiconductors
Product specification
2 x 6 W hi-fi audio power amplifier
TDA1521A
GENERAL DESCRIPTION
The TDA1521A is a dual hi-fi audio power amplifier encapsulated in a 9-lead plastic power package. The device is
especially designed for mains fed applications (e.g. stereo tv sound and stereo radio).
Features
• Requires very few external components
• Input muted during power-on and off
(no switch-on or switch-off clicks)
• Low offset voltage between output and ground
• Excellent gain balance between channels
• Hi-fi according to IEC 268 and DIN 45500
• Short-circuit-proof
• Thermally protected.
QUICK REFERENCE DATA
PACKAGE OUTLINE
TDA1521A: 9-lead single in-line; plastic power (SOT 110B); SOT110-1; 1996 July 22.
Stereo applications
Supply voltage range
VP
± 7,5 to ± 21,0 V
Output power at THD = 0,5%,
VP = ± 12 V
Po
typ.
6 W
Voltage gain
GV
typ.
30 dB
Gain balance between channels
∆G
V
typ.
0,2 dB
Ripple rejection
SVRR
typ.
60 dB
Channel separation
α
typ.
70 dB
Noise output voltage
Vno(rms)
typ.
70
µV


Similar Part No. - TDA1521A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521Q PHILIPS-TDA1521Q Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
More results

Similar Description - TDA1521A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
   6 W hi-fi audio power amplifier
July 1994
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
   6 W hi-fi audio power amplifier
July 1994
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
   32 W hi-fi audio power amplifier
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
   14 W hi-fi audio amplifier
logo
Unisonic Technologies
PA2616 UTC-PA2616 Datasheet
183Kb / 8P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
PA2616 UTC-PA2616_15 Datasheet
178Kb / 8P
   2 x 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
KODENSHI_AUK CORP.
KKA2616 KODENSHI-KKA2616 Datasheet
113Kb / 3P
   2 x 12 W Hi-Fi Audio Power Amplifiers with Mute
logo
Integral Corp.
ILA2616 INTEGRAL-ILA2616 Datasheet
119Kb / 3P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com