Electronic Components Datasheet Search |
|
SN74LV126APWTE4 Datasheet(PDF) 4 Page - Texas Instruments |
|
SN74LV126APWTE4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 17 page SN54LV126A, SN74LV126A QUADRUPLE BUS BUFFER GATES WITH 3STATE OUTPUTS SCES131H − MARCH 1998 − REVISED APRIL 2005 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54LV126A SN74LV126A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tpd A Y 7.1* 13* 1* 15.5* 1 15.5 ten OE Y CL = 15 pF 7.4* 13* 1* 15.5* 1 15.5 ns tdis OE Y CL = 15 pF 5.7* 14.7* 1* 17* 1 17 ns tpd A Y 9.2 16.5 1 18.5 1 18.5 ten OE Y CL = 50 pF 9.5 16.5 1 18.5 1 18.5 ns tdis OE Y CL = 50 pF 8.1 18.2 15 20.5 1 20.5 ns tsk(o) 2 2 * On products compliant to MIL-PRF-38535, this parameter is not production tested. switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54LV126A SN74LV126A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tpd A Y 5* 8* 1* 9.5* 1 9.5 ten OE Y CL = 15 pF 5.1* 8* 1* 9.5* 1 9.5 ns tdis OE Y CL = 15 pF 4.4* 9.7* 1* 11.5* 1 11.5 ns tpd A Y 6.4 11.5 1 13 1 13 ten OE Y CL = 50 pF 6.6 11.5 1 13 1 13 ns tdis OE Y CL = 50 pF 6.1 13.2 1 15 1 15 ns tsk(o) 1.5 1.5 * On products compliant to MIL-PRF-38535, this parameter is not production tested. switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54LV126A SN74LV126A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tpd A Y 3.5* 5.5* 1* 6.5* 1 6.5 ten OE Y CL = 15 pF 3.6* 5.1* 1* 6* 1 6 ns tdis OE Y CL = 15 pF 3.3* 6.8* 1* 8* 1 8 ns tpd A Y 4.6 7.5 1 8.5 1 8.5 ten OE Y CL = 50 pF 4.6 7.1 1 8 1 8 ns tdis OE Y CL = 50 pF 4.3 8.8 1 10 1 10 ns tsk(o) 1 1 * On products compliant to MIL-PRF-38535, this parameter is not production tested. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Similar Part No. - SN74LV126APWTE4 |
|
Similar Description - SN74LV126APWTE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |