Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1523 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1523
Description  Stereo cassette head preamplifier and equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1523 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1523 Datasheet HTML 1Page - NXP Semiconductors TDA1523 Datasheet HTML 2Page - NXP Semiconductors TDA1523 Datasheet HTML 3Page - NXP Semiconductors TDA1523 Datasheet HTML 4Page - NXP Semiconductors TDA1523 Datasheet HTML 5Page - NXP Semiconductors TDA1523 Datasheet HTML 6Page - NXP Semiconductors TDA1523 Datasheet HTML 7Page - NXP Semiconductors TDA1523 Datasheet HTML 8Page - NXP Semiconductors TDA1523 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1996 Feb 26
2
Philips Semiconductors
Preliminary specification
Stereo cassette head
preamplifier and equalizer
TDA1523
FEATURES
• Two independent amplifiers with open-loop gain of
90 dB (typical)
• Internal DC feedback via 140 kΩ resistor from output to
feedback point
• AC characteristics that can be determined externally by
an RC network
• Electronic on/off switching with transient suppression for
switch on
• Head input at DC ground that eliminates the input
coupling capacitor
• Minimum external component requirement
• Stability down to a gain of 30 dB
• Low input noise
• Low distortion
• DC input current <2 µA.
GENERAL DESCRIPTION
The TDA1523 is a playback amplifier for car radio/cassette
players.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 7)
7.5
12
V
IP
supply current (pin 7)
5
mA
Tamb
operating ambient temperature
−30
+85
°C
THD
total harmonic distortion
0.05
%
α
cs
channel separation
RS =10kΩ; LS =0
45
−−
dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1523
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1


Similar Part No. - TDA1523

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1520A ETC1-TDA1520A Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520AQ ETC1-TDA1520AQ Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520B ETC-TDA1520B Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
TDA1520BQ ETC-TDA1520BQ Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
More results

Similar Description - TDA1523

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1522 PHILIPS-TDA1522 Datasheet
120Kb / 16P
   Stereo cassette head preamplifier and equalizer
1996 Feb 26
logo
Sony Corporation
CXA1198AP SONY-CXA1198AP Datasheet
283Kb / 13P
   STEREO CASSETTE DECK RECORDING EQUALIZER
logo
Mitsubishi Electric Sem...
M51162 MITSUBISHI-M51162 Datasheet
449Kb / 7P
   RECORDINGIPLAYBACK PREAMPLIFIER FOR STEREO CASSETTE TAPE RECORDER
logo
Sony Corporation
CXA1597M SONY-CXA1597M Datasheet
411Kb / 22P
   Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1398P SONY-CXA1398P Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
CXA1578P SONY-CXA1578P Datasheet
496Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1598M SONY-CXA1598M Datasheet
502Kb / 26P
   Recording Equalizer Amplifier for Stereo Cassette Decks
logo
Panasonic Semiconductor
AN7353S PANASONIC-AN7353S Datasheet
46Kb / 3P
   Record Equalizer Amp. for Stereo Cassette Deck
logo
Sony Corporation
CXA1579P SONY-CXA1579P Datasheet
494Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com